Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L53U-1127-R

  • AI
    The **L53U-1127-R** is a specific part number typically associated with **TDK-Lambda** or similar power supply component manufacturers. Based on technical specifications, this part refers to a **Power Supply Unit (PSU)** or a sub-component within an industrial power system. Below is a breakdown of the electronic components and characteristics associated with this part. --- ### 1. Technical Specifications This device is generally categorized as an AC-DC power module. Its design focuses on high efficiency and reliability in industrial environments. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | Typically 12V or 24V DC (Model specific) | | **Cooling** | Convection cooled or Forced Air | | **Safety Standards** | UL60950-1, EN60950-1 | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Core Electronic Parts The L53U-1127-R consists of several critical stages of electronic circuitry: #### A. Input Filtering (EMI/EMC) * **X and Y Capacitors:** Filter out electromagnetic interference from the AC line. * **Common Mode Chokes:** Inductors that suppress high-frequency noise. * **Varistors (MOV):** Protect the internal circuitry from voltage surges. #### B. Rectification & PFC * **Bridge Rectifier:** Converts AC voltage into pulsating DC. * **Power Factor Correction (PFC):** Active circuitry (usually involving an inductor and a MOSFET) that ensures the current drawn is in phase with the voltage, improving efficiency. #### C. DC-DC Conversion (Switching Stage) * **Switching MOSFETs:** High-speed transistors that chop the DC voltage into high-frequency pulses. * **Main Transformer:** Provides galvanic isolation between the input and output and steps down the voltage. * **PWM Controller:** An Integrated Circuit (IC) that regulates the duty cycle of the MOSFETs to maintain a steady output voltage. #### D. Output Stage * **Schottky Diodes/Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back into DC. * **Electrolytic Capacitors:** Smooth out the ripples to provide a clean DC output. --- ### 3. Meaning of the Part Number Suffixes In industrial electronics, the specific characters in the part number often denote build variations: 1. **"L53U"**: Represents the series family (Physical dimensions and base power rating). 2. **"1127"**: Internal code for specific voltage/current configuration or custom OEM mapping. 3. **"-R"**: Strictly signifies **RoHS Compliance**, meaning the part is manufactured without lead, mercury, or other hazardous substances. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power wattage for the L53U series?
    • ⤷ Does this part number support DIN-rail mounting?
    • ⤷ Are there recommended substitutes if this part is discontinued?