Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L60D-R12-W

  • AI
    The **L60D-R12-W** is a specific model of an industrial-grade **LED Indicator Light**, typically manufactured by companies like **Visual Communications Company (VCC)** or similar industrial component suppliers. It is designed for panel mounting to provide visual status feedback for electronic circuits. --- ### ## Technical Specifications The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | L60 | 6mm (0.236") mounting hole diameter. | | **Lamp Type** | LED | Low power consumption, long life. | | **Voltage** | 12V DC | Designed for standard 12V electronic systems. | | **Color** | Red (R) | High-visibility red output. | | **Lens Style** | Diffused (D) | Softens light output for better wide-angle viewing. | | **Termination** | W (Wire Leads) | Features 6-inch insulated wire leads for connection. | --- ### ## Internal Electronic Components Inside the housing of the L60D-R12-W, there are two primary electronic elements: 1. **The LED Die:** A semiconductor (usually AlGaInP for Red) that converts electrical energy into light. 2. **Integrated Resistor:** Unlike standard LEDs that require an external current-limiting resistor, this part has a **built-in resistor** sized for 12V operation. This prevents the LED from burning out when connected directly to a power source. --- ### ## Key Features * **Body Material:** Usually features a chrome-plated brass or high-grade plastic housing for durability. * **Mounting:** Designed for a D-shaped or circular hole to prevent rotation. * **Ingress Protection:** Often rated for moisture resistance (IP-rated), making it suitable for outdoor or industrial control panels. * **Polarity:** Since it is a DC component, the wires are color-coded (Red for Positive, Black for Negative/Ground). --- ### ## Typical Applications * **Industrial Control Panels:** Indicating "Power On" or "System Error." * **Automotive/Marine:** Status lights for 12V battery systems. * **Medical Equipment:** Visual alerts for device readiness. * **Test Instruments:** Signal indicators for circuit testers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw (mA) for this specific 12V LED?
    • ⤷ Are there waterproof versions of the L60 series available?
    • ⤷ Can this indicator be used with an AC power supply instead of DC?