L80-R
AI

The **L80-R** is an ultra-compact GPS POT (Patch on Top) module with an integrated patch antenna. It is widely used in embedded systems for positioning due to its high sensitivity and small footprint.
---
### 1. Key Electronic Components
The L80-R is not just a single chip; it is a System-in-Package (SiP) containing several critical electronic parts:
| Component | Function |
| :--- | :--- |
| **MediaTek MT3337** | The core ROM-based engine that processes GNSS signals. |
| **Integrated Patch Antenna** | A 15.0mm × 15.0mm × 4.0mm ceramic antenna for signal reception. |
| **LNA (Low Noise Amplifier)** | Amplifies weak satellite signals before processing. |
| **SAW Filter** | Filters out electromagnetic interference (noise). |
| **TCXO** | A Temperature Compensated Crystal Oscillator for high-frequency stability. |
| **Internal RTC** | Real-time clock to maintain time for faster satellite re-acquisition. |
---
### 2. Technical Specifications
The electrical characteristics are crucial for hardware integration:
* **Supply Voltage ($V_{CC}$):** 3.0V to 4.3V (Typical: 3.3V).
* **Power Consumption:**
* Acquisition: ~25mA.
* Tracking: ~20mA.
* **Interface:** UART (TTL levels).
* **Protocol:** NMEA 0183.
* **Update Rate:** 1Hz (default) up to 5Hz.
* **Channels:** 66 acquisition channels, 22 tracking channels.
---
### 3. Pin Configuration (Hardware Interface)
The module features a surface-mount design with specific pins for communication and power:
| Pin Name | Description |
| :--- | :--- |
| **VCC** | Main power supply input. |
| **GND** | Ground. |
| **TXD** | Transmit data (NMEA messages output). |
| **RXD** | Receive data (Command input). |
| **V_BCKP** | Backup power supply for RTC and SRAM (typically 2.0V - 4.3V). |
| **PPS** | Pulse Per Second output for precise timing. |
---
### 4. Advanced Features
* **EASY™ Technology:** (Embedded Assist System) This allows the module to calculate and predict orbits automatically using data stored in internal RAM, significantly reducing the **TTFF** (Time to First Fix).
* **AlwaysLocate™:** An adaptive controller that adjusts the "on/off" time to balance positioning accuracy and power consumption.
* **Antenna Detection:** It supports automatic switching between the internal patch antenna and an external active antenna if one is connected.
---
- ⤷
How does the L80-R compare to the L80 (standard version)?
- ⤷ What is the circuit diagram for connecting an L80-R to an Arduino?
- ⤷ How do I configure the baud rate for the L80-R UART interface?