Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L811HW-R68MF

  • AI
    ## Overview of L811HW-R68MF The **L811HW-R68MF** is a high-performance **Surface Mount (SMD) Power Inductor**. It is specifically designed for high-current applications where stability and efficiency are critical, such as DC-DC converters and power supply modules. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Material** | Metal Alloy / Carbonyl Powder | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | | **Mounting Type** | Surface Mount (SMD) | --- ### Key Features and Construction 1. **Molded Body:** The part is constructed using a metallic powder molding process. This provides high saturation current and prevents the "buzz" noise associated with traditional wire-wound inductors. 2. **Magnetic Shielding:** The design minimizes electromagnetic interference (EMI), making it suitable for high-density PCB layouts near sensitive components. 3. **Low DCR:** It features low Direct Current Resistance (DCR), which reduces power loss and heat generation during operation. 4. **High Reliability:** The composite structure is resistant to thermal shock and mechanical vibration. --- ### Common Applications * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Consumer Electronics:** Power stages for tablets, smartphones, and laptops. * **Communication:** Base stations and networking equipment. * **Automotive:** (If qualified) Infotainment systems and LED lighting drivers. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **L811HW** | Series/Case Size Code (typically refers to physical dimensions) | | **R68** | Inductance value (0.68 µH) | | **M** | Tolerance (±20%) | | **F** | Environmental compliance (often denotes Lead-Free/RoHS) |
    ✨ Follow-up Questions
    • ⤷ What are the current ratings (Idc and Isat) for this specific inductor?
    • ⤷ Can you provide the physical dimensions for the L811HW footprint?
    • ⤷ What is the typical DCR value for a 0.68uH molded inductor?