L812HW-R33MF
AI

The **L812HW-R33MF** is a high-performance **Shielded Surface Mount (SMD) Power Inductor**. It is primarily used in power management circuits, such as DC-DC converters, due to its ability to handle high currents while maintaining a compact footprint.
---
## 1. Technical Specifications
The part number follows a specific nomenclature. Below are the typical technical parameters for this component:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (DC Resistance)** | Very low (typically < 2.0 mΩ) |
| **Saturation Current** | High (typically 20A - 30A depending on heat sink) |
| **Operating Temp** | -40°C to +125°C |
| **Construction** | Metal Alloy Powder (Molded) |
---
## 2. Key Internal Components
The L812HW-R33MF is built using **Molded Powder Technology**, which differs from traditional wire-wound inductors:
1. **Magnetic Core:** Made of a metallic iron powder alloy. This material allows for soft saturation characteristics, meaning the inductance doesn't drop off sharply when the current increases.
2. **Copper Coil:** A flat or round heavy-gauge copper wire is used inside to minimize DC resistance (DCR), which reduces heat and improves efficiency.
3. **Shielding:** The entire unit is encapsulated in a magnetic resin/powder, providing **Magnetic Shielding**. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB.
4. **Terminals:** Lead-free (RoHS compliant) solder pads for SMD mounting.
---
## 3. Applications and Use Cases
This specific inductor (0.33µH) is usually found in high-frequency, high-current power stages:
* **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards to provide stable power to CPUs/GPUs.
* **DC-DC Buck Converters:** Used to step down voltage in telecommunications and industrial equipment.
* **Battery Powered Devices:** High efficiency helps extend battery life by reducing energy lost as heat.
---
## 4. Advantages
* **High Current Density:** Can handle large amounts of power relative to its size (approx 8x8mm footprint).
* **Low Acoustic Noise:** The molded construction reduces "coil whine" (magnetostriction) compared to standard ferrite inductors.
* **Stability:** Excellent stability over temperature fluctuations and high-frequency operation.
---
- ⤷
What are the footprint dimensions for the L812HW series?
- ⤷ How does the 0.33uH inductance value affect the ripple current in a buck converter?
- ⤷ What is the difference between this metal alloy inductor and a standard ferrite core inductor?