L815PW-R68MF
AI

## Technical Analysis: L815PW-R68MF (Fixed Inductor)
The **L815PW-R68MF** is a high-current, low-profile surface-mount (SMD) power inductor. These components are critical in modern electronics for energy storage and noise filtering, particularly in DC-DC converters.
---
### 1. Component Specifications
Based on the part numbering convention (typically associated with manufacturers like Cyntec or similar power component specialists), here are the technical parameters:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Package Size** | 8.0mm x 8.0mm (approximate footprint) |
| **Construction** | Metal Alloy Powder (Molded Type) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded |
---
### 2. Detailed Part Breakdown
The alphanumeric code follows a specific logic:
* **L815PW**: Represents the series and physical dimensions. The "815" usually refers to the 8.0mm square footprint with a specific height profile.
* **R68**: The inductance value. "R" acts as a decimal point, so R68 = **0.68 µH**.
* **M**: The tolerance code. M = **±20%**.
* **F**: Often signifies **RoHS Compliance** (Lead-Free).
---
### 3. Key Electronic Characteristics
#### A. Power Handling
Because this part uses a **Metal Alloy core**, it offers a "Soft Saturation" characteristic. Unlike traditional ferrite inductors that lose inductance sharply when current increases, this part maintains performance even under high transient loads.
#### B. Low DCR (DC Resistance)
The "PW" series is optimized for low internal resistance. This minimizes heat generation and improves the efficiency of power supplies in laptops, servers, and automotive modules.
#### C. EMI Shielding
The molded construction acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
---
### 4. Typical Applications
This specific inductor value (0.68 µH) is commonly used in:
* **Voltage Regulator Modules (VRM):** Specifically for CPU/GPU power phases.
* **DC-DC Converters:** Point-of-Load (POL) power supplies.
* **Battery Powered Devices:** High-efficiency power management.
---
- ⤷
What is the maximum current rating (Isat) for the L815PW-R68MF?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
- ⤷ What are the recommended footprint dimensions for soldering this part?