L816PW-R68MF
AI

The **L816PW-R68MF** is a high-performance **surface-mount (SMD) Power Inductor**, typically utilized in high-frequency DC-DC converter applications. It belongs to a class of molded power inductors known for their high current handling and compact footprint.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the L816PW-R68MF:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (DC Resistance)** | Low (Typically < 5-10 mΩ depending on series) |
| **Saturation Current ($I_{sat}$)** | High (Usually 15A - 25A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal Alloy / Shielded Composite |
| **Package Size** | Approx. 8.0 x 8.0 x 4.0 mm (varies slightly by brand) |
---
## 2. Part Number Breakdown
The nomenclature typically follows this structure:
* **L816:** Refers to the series and physical dimensions (Length/Width).
* **PW:** Indicates the specific winding or material technology (often "Power" focused).
* **R68:** The inductance value. "R" acts as a decimal point ($0.68 \mu H$).
* **M:** Tolerance code ($M = \pm 20\%$).
* **F:** Usually indicates "Lead-Free" or RoHS compliance.
---
## 3. Key Electronic Features
### A. Magnetic Shielding
The part is a **Molded Inductor**. The coil is embedded in a metallic powder composite. This provides:
* Excellent EMI (Electromagnetic Interference) shielding.
* Reduced "buzz" noise (acoustic noise) compared to traditional ferrite core inductors.
### B. Soft Saturation
Unlike traditional ferrite inductors that lose inductance sharply when current limits are reached, the metal alloy core of the L816PW series exhibits **soft saturation**. This means the inductance drops gradually, providing a safety margin in over-current scenarios.
### C. Low DCR
The part uses thick copper wire, resulting in very low Direct Current Resistance (DCR). This minimizes power loss through heat, making it highly efficient for battery-powered devices.
---
## 4. Typical Applications
* **Voltage Regulator Modules (VRM):** Used in CPU and GPU power supplies.
* **DC-DC Converters:** Point-of-load (POL) converters in telecommunications.
* **Automotive Electronics:** Infotainment systems and ADAS sensors.
* **High-Current Power Supplies:** Laptop power rails and industrial controllers.
- ⤷
What is the maximum operating current for the L816PW-R68MF in a high-temperature environment?
- ⤷ How does 'soft saturation' compare to 'hard saturation' in power inductor performance?
- ⤷ What are the recommended PCB footprint dimensions for an 8x8mm molded inductor?