L817PW-R36MF
AI

## Analysis of the L817PW-R36MF Photocoupler
The **L817PW-R36MF** is a specific variant of the widely used 817 series optoisolator (photocoupler). It is designed to provide electrical isolation between an input signal and an output signal using light, preventing high voltages from affecting the system receiving the signal.
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters typically associated with this specific model:
| Parameter | Symbol | Value (Typical) |
| :--- | :--- | :--- |
| **Input Forward Current** | $I_F$ | 50 mA (Max) |
| **Input Reverse Voltage** | $V_R$ | 6 V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 35 V - 80 V |
| **Collector Current** | $I_C$ | 50 mA |
| **Isolation Voltage** | $V_{iso}$ | 5,000 Vrms |
| **Current Transfer Ratio (CTR)** | $CTR$ | 50% to 600% (Rank dependent) |
---
### 2. Internal Component Structure
The device consists of two main internal parts housed within a single package:
1. **Infrared Emitting Diode (Input Side):**
* Acts as the transmitter.
* When current flows through the LED, it emits infrared light.
2. **Phototransistor (Output Side):**
* Acts as the receiver.
* The light from the LED hits the base of the transistor, allowing current to flow between the Collector and Emitter.
* There is no direct electrical connection between the input and output.
---
### 3. Suffix & Part Breakdown
The specific alphanumeric code provides details about the packaging and performance:
* **L817:** The base series number (compatible with PC817).
* **PW:** Usually denotes the package style (often Wide-Lead or SMT variants depending on the manufacturer).
* **R36:** Often indicates the **Current Transfer Ratio (CTR)** classification. This tells the designer the ratio of output current to input current (e.g., a specific "Rank").
* **MF:** Typically refers to "Lead-Free" (RoHS compliant) and specific molding compounds used for safety certifications.
---
### 4. Common Applications
Due to its high isolation voltage, it is frequently used in:
* **Switching Power Supplies (SMPS):** Providing feedback from the secondary side to the primary side.
* **Microprocessor I/O Isolation:** Protecting sensitive MCUs from noisy industrial environments.
* **System Control:** Logic ground separation to prevent ground loops.
---
- ⤷
What is the specific Current Transfer Ratio (CTR) range for the R36 rank?
- ⤷ How do I calculate the current limiting resistor for the LED input side?
- ⤷ Can the L817PW be used for high-speed data transmission?