L822HW-R68MF
AI

The **L822HW-R68MF** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is commonly utilized in DC-DC converters and high-current power supplies where efficiency and compact sizing are critical.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **L822HW** | Series Code | High-current, low-profile molded power inductor series |
| **R68** | Inductance Value | **0.68 µH** (microhenries) |
| **M** | Tolerance | **±20%** |
| **F** | Environmental | RoHS compliant / Lead-free |
---
### 2. Technical Specifications
These parts are engineered for high-frequency applications and high-density PCB layouts.
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Extremely low (typically in the milliohm range) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 30%). This part is designed for high saturation levels.
* **Heat Rating Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C).
* **Construction:** Metal alloy powder molding, which provides excellent magnetic shielding and reduces audible noise.
---
### 3. Key Features
* **Shielded Construction:** The molded design acts as a magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components.
* **High Efficiency:** Low DCR ensures minimal energy is wasted as heat, which is vital for battery-powered devices.
* **Compact Footprint:** Designed for automated SMT (Surface Mount Technology) assembly.
* **Stability:** Maintains stable performance across a wide temperature range (typically -40°C to +125°C).
---
### 4. Common Applications
The L822HW-R68MF is typically found in the following circuits:
1. **Voltage Regulator Modules (VRMs):** Used in motherboards and servers to step down voltage for CPUs/GPUs.
2. **Smartphones and Tablets:** Power management ICs (PMICs) for high-efficiency charging.
3. **Graphic Cards:** Providing stable current to high-speed processors.
4. **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies.
---
- ⤷
What is the maximum saturation current for the L822HW series?
- ⤷ How does the metal alloy molding compare to traditional ferrite core inductors?
- ⤷ Can this inductor be used in automotive AEC-Q200 qualified applications?