L8565G-S08-R
AI

## Technical Overview of the L8565G-S08-R
The **L8565G-S08-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies). It is specifically designed to provide a stable voltage supply for high-current applications while maintaining low power dissipation.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Fixed or Adjustable (depending on variant) |
| **Output Current** | Up to 1.5A |
| **Dropout Voltage** | Typically 0.5V @ 1.5A |
| **Input Voltage Range** | Up to 7V |
| **Package Type** | SOP-8 |
| **Operating Temperature** | -40°C to +125°C |
| **Packing** | Tape & Reel (indicated by the "-R" suffix) |
---
### 2. Internal Electronic Protection Features
The device incorporates several integrated circuits (IC) protection mechanisms to ensure longevity and safety:
* **Over Current Protection (OCP):** Limits the output current to prevent damage during a short circuit.
* **Thermal Shutdown:** Automatically turns off the regulator if the junction temperature exceeds safe limits.
* **Low Quiescent Current:** Minimizes power consumption when the device is in a standby or low-load state.
* **Stable with Low ESR Capacitors:** Designed to work efficiently with ceramic output capacitors.
---
### 3. Pin Configuration (SOP-8)
A standard SOP-8 layout for this type of LDO typically follows this arrangement:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Unregulated Input Voltage |
| 2, 3, 6, 7 | **VOUT** | Regulated Output Voltage |
| 5 | **GND** | Ground |
| 8 | **ADJ/NC** | Adjust Pin (for ADJ version) or No Connection |
| 4 | **EN** | Enable Pin (High = On, Low = Off) |
---
### 4. Part Number Decoder
Understanding the suffix codes helps in sourcing the exact component:
* **L8565**: The core series number (1.5A LDO).
* **G**: Halogen-free and Lead-free (Green).
* **S08**: Package style (SOP-8).
* **R**: Tape & Reel packaging.
---
### 5. Common Applications
* Motherboards and Graphic Cards.
* Microprocessor Power Supplies.
* Post-regulation for switching supplies.
* Battery-powered equipment requiring high current.
- ⤷
What is the specific output voltage for the fixed version of the L8565G?
- ⤷ How does the dropout voltage change as the output current decreases?
- ⤷ Are there recommended input and output capacitor values for optimal stability?