L8565L-S08-R
AI

The **L8565L-S08-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is designed to provide a stable output voltage with high precision and low power consumption.
---
## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the L8565 series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | CMOS Low Dropout (LDO) Linear Regulator |
| **Input Voltage Range** | Up to 7.0V |
| **Output Current** | 600mA (Typical) |
| **Quiescent Current** | 50µA (Typical) |
| **Dropout Voltage** | 300mV @ 600mA (Low Dropout) |
| **Package Type** | SOP-8 (Standard 8-pin Small Outline Package) |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Part Number Breakdown
The suffixing in the part number provides specific information about the packaging and material:
* **L8565L**: The base model series (600mA LDO).
* **S08**: Indicates the **SOP-8** package type.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
* **Lead-Free**: The "L" after 8565 often denotes a halogen-free or lead-free (RoHS compliant) version in UTC nomenclature.
---
## 3. Pin Configuration (SOP-8)
In a standard SOP-8 configuration for this regulator, the pins are typically allocated as follows:
1. **Vout**: Output Voltage.
2. **GND**: Ground.
3. **GND**: Ground (often used for heat dissipation).
4. **NC/EN**: No Connection or Enable pin (depending on specific sub-variant).
5. **EN/NC**: Enable pin or No Connection.
6. **GND**: Ground.
7. **GND**: Ground.
8. **Vin**: Input Voltage.
---
## 4. Key Features & Applications
### Features
* **Low Dropout Voltage**: Ideal for battery-powered devices where the difference between input and output voltage is minimal.
* **Built-in Protections**: Includes thermal shutdown and current limiting to prevent device failure under fault conditions.
* **High Output Accuracy**: Usually within ±2%.
### Applications
* **Battery-Powered Equipment**: Smartphones, cameras, and portable electronics.
* **Communication Equipment**: RF modules and wireless LAN adapters.
* **Reference Voltage Sources**: Providing clean power to microcontrollers (MCUs) and sensors.
- ⤷
What is the exact output voltage for the L8565L-S08-R
- ⤷ or is it adjustable?
- ⤷ What are the recommended capacitor values for the input and output pins?
- ⤷ How does the thermal resistance of the SOP-8 package affect its maximum power dissipation?