LA112B-2G-R1-PF
AI

The **LA112B-2G-R1-PF** is a specific electronic component, typically categorized as a **Bi-Color LED Indicator** or a specialized **LED lamp assembly** produced by manufacturers like Kingbright or similar optoelectronic firms.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Component Overview
This part is a dual-chip LED device designed for status indication. The "2G" in the part number usually signifies **Dual Green** or a specific green wavelength, while the "R1" suffix often denotes a specific packaging style or lead orientation.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED (Light Emitting Diode) |
| **Color** | Green (often Dual-Chip) |
| **Lens Type** | Water Clear or Diffused (depending on specific bin) |
| **Package Style** | Through-hole / Radial |
| **RoHS Status** | PF (Lead-Free / RoHS Compliant) |
---
### 2. Electrical Characteristics (Typical)
Electronic components like the LA112B require specific current and voltage parameters to operate without damage.
* **Forward Voltage ($V_F$):** Typically ranges from **2.1V to 2.5V** per chip.
* **Forward Current ($I_F$):** Standard operating current is **20mA**.
* **Peak Forward Current:** Up to **140mA** (for short pulses).
* **Reverse Voltage ($V_R$):** Typically **5V** maximum.
* **Power Dissipation ($P_D$):** Approximately **62.5mW to 75mW** per chip.
---
### 3. Optoelectronic Properties
These parts are defined by their light output quality:
1. **Dominant Wavelength:** Usually around **565nm to 570nm** (Standard Green).
2. **Luminous Intensity:** Measured in millicandela (mcd), typically ranging from **15mcd to 40mcd** at 20mA.
3. **Viewing Angle:** Often between **40° and 60°**, depending on the lens shape (Rectangular vs. Round).
---
### 4. Pin Configuration and Internal Logic
The "2G" designation indicates two green LED chips within one housing. This can be configured in two ways:
* **Common Anode/Cathode:** Three pins, where one pin is shared.
* **Independent Leads:** Four pins, allowing each LED to be controlled separately.
* **Bi-polar:** Two pins, where the color/light depends on the direction of the current flow.
---
### 5. Application Areas
* **Network Equipment:** Link/Activity indicators for routers and switches.
* **Consumer Electronics:** Power status lights (On/Off/Standby).
* **Industrial Panels:** Diagnostic indicators for PLC modules.
- ⤷
What is the exact pinout configuration for the LA112B-2G-R1-PF?
- ⤷ What is the recommended series resistor value for a 5V supply with this LED?
- ⤷ Are there alternative colors available in the LA112B series?