LA112B-GX-R1-AS-PF
AI

The **LA112B-GX-R1-AS-PF** is a specialized electronic component primarily categorized as an **LED (Light Emitting Diode) Indicator** or an **Optical Sensor Housing**. While the specific internal configurations can vary based on the manufacturer's sub-series (often associated with brands like Kingbright or specialized Taiwanese optoelectronics firms), here is the technical breakdown of its parts and characteristics.
---
### 1. Technical Specifications
This component is typically a surface-mount (SMD) or through-hole infrared/visible light assembly.
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Optoelectronic / LED Module |
| **Color/Wavelength** | Usually Green (GX suffix often denotes Green) |
| **Mounting Type** | R1 (Right Angle) or Standard Vertical |
| **RoHS Status** | Lead-Free (PF - Pb Free) |
| **Housing Material** | Black Thermoplastic (UL94V-0 Rated) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific engineering nomenclature:
* **LA**: Often represents the series code for a specific lamp assembly or indicator style.
* **112B**: Refers to the physical dimensions and lens geometry (Square/Rectangular profile).
* **GX**: Designates the color and chemical composition of the semiconductor chip (e.g., GaP for Green).
* **R1**: Indicates a variation in lead forming, often "Right Angle" for side-view applications.
* **AS**: Anti-Static treatment or specific assembly style.
* **PF**: **Pb-Free** (Lead-Free), indicating compliance with environmental regulations.
---
### 3. Internal Component Structure
The device consists of three primary electronic sub-parts:
1. **Semiconductor Die (The Chip):** The heart of the part, typically made of Gallium Phosphide (GaP) or Indium Gallium Nitride (InGaN), which converts electrical energy into light.
2. **Lead Frame:** The metal structure (usually tin-plated copper) that provides mechanical support and electrical conductivity from the PCB to the chip.
3. **Encapsulant/Lens:** An epoxy resin that protects the die. The "B" in the part number often indicates a specific lens tint or diffusion level to ensure uniform light output.
---
### 4. Applications
These parts are commonly found in:
* **Network Equipment:** Link/Activity status lights on routers and switches.
* **Industrial Panels:** Status indicators for PLC (Programmable Logic Controllers).
* **Consumer Electronics:** Power-on indicators for appliances.
---
- ⤷
What is the exact forward voltage (Vf) for the GX (Green) variant?
- ⤷ Is this part available in a Surface Mount (SMD) footprint?
- ⤷ Does the 'AS' suffix imply an automotive-grade specification?