Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LA3366-R

  • AI
    The **LA3366-R** is a specialized Integrated Circuit (IC) primarily designed as a **PLL (Phase-Locked Loop) FM Stereo Multiplex Decoder**. It is commonly found in vintage audio equipment, car stereos, and portable radio receivers. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the LA3366-R series: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 9V to 12V (Operating range 6.5V - 14V) | | **Quiescent Current** | ~18mA | | **Channel Separation** | 45dB to 55dB | | **Total Harmonic Distortion (THD)** | 0.05% to 0.2% | | **Package Type** | SIL-9 (Single In-line Package) or DIP | --- ### 2. Core Functional Blocks The IC integrates several critical stages of the stereo decoding process into a single chip: 1. **PLL Phase Detector:** Synchronizes the internal 76kHz oscillator with the 19kHz pilot signal transmitted by the FM station. 2. **Frequency Divider:** Divides the 76kHz signal down to a stable 38kHz subcarrier for stereo demodulation. 3. **Decoder/Matrix Circuit:** Separates the composite signal into Left (L) and Right (R) audio channels. 4. **Automatic Stereo/Mono Switch:** Detects the presence of a pilot signal; if the signal is too weak, it automatically reverts to Mono to reduce noise. 5. **VCO (Voltage Controlled Oscillator):** An internal oscillator that requires an external RC network to set the free-running frequency. --- ### 3. Pin Configuration (Common SIL-9 Layout) While you should always consult the specific datasheet for your manufacturer, the general pinout for the LA3366-R series is as follows: | Pin No. | Function | Description | | :--- | :--- | :--- | | **1** | Input | Composite signal input from the FM IF stage. | | **2** | Vcc | Positive power supply. | | **3** | Separation Adust | External resistor/trimmer to fine-tune channel separation. | | **4** | Left Output | Demodulated Left channel audio output. | | **5** | Ground | Common negative return. | | **6** | Right Output | Demodulated Right channel audio output. | | **7** | VCO/Timing | Connection for the RC network to set 76kHz frequency. | | **8** | Phase Loop Filter | Connection for the low-pass filter capacitor. | | **9** | Pilot Lamp/LED | Driver for the "Stereo" indicator light. | --- ### 4. Application Circuit Considerations * **Low-Pass Filtering:** The outputs (Pins 4 and 6) usually require an external de-emphasis network (resistor and capacitor) to restore the correct frequency response of the broadcast. * **Alignment:** Pin 7 is critical. A frequency counter or high-quality oscilloscope is usually used to tune the VCO to exactly 19kHz (or 76kHz depending on the measurement point) while no signal is present. * **Decoupling:** Use a 10µF to 47µF capacitor near Pin 2 (Vcc) to minimize noise and prevent oscillation.
    ✨ Follow-up Questions
    • ⤷ What are the typical symptoms of a failing LA3366-R in a radio?
    • ⤷ How do you calibrate the VCO frequency on pin 7?
    • ⤷ Can the LA3366-R be replaced by a modern equivalent IC?