LAM-1025-R82K-F
AI

The **LAM-1025-R82K-F** is a specific surface-mount (SMD) power inductor. This component is primarily used in power management circuits to store energy in a magnetic field and filter high-frequency noise.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions for components like those from manufacturers like *Taiyo Yuden* or similar power inductor specialists, the part number is decoded as follows:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **LAM** | Series | High-current power inductor series (molded or wire-wound). |
| **1025** | Dimensions | Physical size: Approx. 10.0mm x 2.5mm (or similar metric footprint). |
| **R82** | Inductance | **0.82 µH** (R denotes the decimal point). |
| **K** | Tolerance | **±10%** (Industry standard code). |
| **F** | Compliance | RoHS compliant / Lead-free finish. |
---
### 2. Key Specifications
While specific datasheets vary by manufacturer, a component with these specs typically exhibits the following electrical characteristics:
* **Inductance:** 0.82 microhenries (µH).
* **Current Rating (Irms/Isat):** Usually high (range of 5A to 12A depending on the specific construction), as low inductance values in large packages are designed for high-current throughput.
* **DC Resistance (DCR):** Very low (typically in the range of 5mΩ to 15mΩ) to minimize power loss as heat.
* **Operating Temperature:** Generally rated for -40°C to +125°C.
---
### 3. Common Applications
This part is integral to modern electronics for voltage regulation. Common use cases include:
1. **DC-DC Converters:** Acting as the energy storage element in buck (step-down) or boost (step-up) converters.
2. **Voltage Regulator Modules (VRM):** Used on motherboards or GPU cards to handle high-current power delivery to processors.
3. **Noise Filtering:** Suppressing electromagnetic interference (EMI) in power lines for automotive or industrial telecommunications equipment.
4. **Battery Management Systems:** Handling high-speed switching in portable device chargers.
---
### 4. Physical Characteristics
* **Package Type:** Surface Mount Device (SMD).
* **Construction:** Usually a metal alloy powder core or a ferrite core with a flat-wire winding to reduce "Skin Effect" losses at high frequencies.
* **Shielding:** Most "LAM" or high-current series are magnetically shielded to prevent interference with nearby components.
- ⤷
What are the equivalent alternative parts for the LAM-1025-R82K-F?
- ⤷ How does the 'Isat' rating affect the performance of this inductor in a circuit?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?