LC2-1C-R
AI

The **LC2-1C-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in circuits requiring high stability, low noise, and tight tolerances.
### 1. Key Technical Specifications
Below are the typical parameters for the LC2 series precision resistors:
| Feature | Specification |
| :--- | :--- |
| **Material** | Thin Film (NiCr - Nickel Chromium) |
| **Tolerance** | Usually $\pm 0.1\%$ to $\pm 0.5\%$ |
| **Power Rating** | Typically 1/16W or 1/10W (Size dependent) |
| **Operating Temperature** | $-55^\circ\text{C}$ to $+125^\circ\text{C}$ |
| **Stability** | Very High (Low drift over time) |
---
### 2. Physical Characteristics
The "R" in the part number often indicates **RoHS compliance** (Lead-free), and the "1C" typically refers to the physical size or a specific resistance value/multiplier code.
* **Construction:** A thin metallic film is deposited onto a high-grade ceramic substrate.
* **Termination:** Wrap-around terminals with a nickel barrier and tin plating for excellent solderability.
* **Package Type:** Surface Mount Device (SMD/SMT).
---
### 3. Circuit Role and Applications
Because thin-film resistors are much more precise and stable than standard "Thick Film" resistors, the LC2-1C-R is used in sensitive electronics:
1. **Instrumentation:** Used in measurement equipment where resistance values must not change with temperature.
2. **Audio Circuits:** Low noise characteristics make it ideal for high-fidelity audio signal paths.
3. **Medical Electronics:** Used in diagnostic devices where accuracy is critical for patient safety.
4. **Voltage Dividers:** Essential for creating precise reference voltages in power management circuits.
---
### 4. Comparison: Thin Film vs. Thick Film
It is important to understand why the LC2-1C-R is chosen over standard components:
| Feature | Thin Film (LC2) | Thick Film (Standard) |
| :--- | :--- | :--- |
| **Precision** | Very High | Moderate |
| **Temperature Coefficient (TCR)** | Low (Stable) | High (Drifts) |
| **Noise** | Extremely Low | Higher |
| **Cost** | Higher | Lower |
---
- ⤷
What is the specific resistance value for the 1C code in this series?
- ⤷ How does the temperature coefficient (TCR) affect the LC2-1C-R performance?
- ⤷ What are the recommended soldering profiles for this SMD component?