AI

The **LC2-3C-R/E** is a specific model within a series of electronic control components, typically associated with **liquid level controllers** or **floatless level switches**. These devices are used primarily to manage the water levels in tanks, sumps, or reservoirs by controlling pumps or valves.
---
### 1. Technical Specifications
The following table outlines the general technical characteristics of the LC2 series controllers:
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Floatless Level Switch / Relay |
| **Operating Voltage** | Usually 110V/220V AC (model dependent) |
| **Contact Capacity** | 5A @ 250VAC (Resistive Load) |
| **Output Type** | Relay Output (SPDT or DPDT) |
| **Sensitivity** | Fixed or Adjustable (depending on sub-variation) |
| **Installation** | 8-pin or 11-pin Plug-in socket (PF083A or PF113A) |
---
### 2. Core Components and Functionality
The device operates on the principle of electrical conductivity. It uses electrodes (probes) placed in the liquid to complete a circuit.
* **Internal Transformer:** Steps down the mains voltage to a low, safe AC voltage for the sensing probes (usually <24V AC to prevent electrolysis).
* **Signal Processing Circuit:** Detects the minute current flowing through the liquid when the probes are submerged.
* **Output Relay:** When the liquid touches the "High" probe, the relay energizes to stop a pump (filling) or start a pump (draining). When it falls below the "Low" probe, the relay switches state.
* **LED Indicators:**
* **Power LED:** Indicates the unit is receiving electricity.
* **Action LED:** Indicates the status of the output relay.
---
### 3. Application Wiring (Standard Mode)
The "3C" designation often refers to a three-electrode system. Below is a conceptual representation of the pin logic:
```markdown
Pin 1, 8: Power Supply Input (AC)
Pin 2, 3, 4: Relay Contacts (Common, NO, NC)
Pin 5: E1 (High Level Probe)
Pin 6: E2 (Low Level Probe)
Pin 7: E3 (Common/Ground Probe)
```
### 4. Key Advantages
1. **Solid State Reliability:** Unlike mechanical floats, there are no moving parts in the tank that can get stuck.
2. **Compact Design:** Designed for DIN-rail mounting using standard sockets.
3. **Low Maintenance:** Probes are simple stainless steel rods that require minimal cleaning.
---
- ⤷
What are the wiring differences between 'Filling' and 'Draining' modes for this controller?
- ⤷ How do you troubleshoot a probe that fails to sense the liquid level?
- ⤷ What is the recommended electrode material for corrosive liquids?