LC548C
AI

The **BC548C** (commonly referred to as LC548C in some regional labeling or transcription errors) is a widely used NPN epitaxial silicon phototransistor/general-purpose transistor. It belongs to the BC54x series and is a staple in low-power amplification and switching circuits.
---
### 1. General Specifications
The "C" suffix in BC548C refers specifically to the **DC Current Gain ($h_{FE}$)** classification, representing the highest gain range for this transistor model.
| Parameter | Value |
| :--- | :--- |
| **Type** | NPN Transistor |
| **Package** | TO-92 (Plastic) |
| **Collector-Emitter Voltage ($V_{CEO}$)** | 30V |
| **Collector-Base Voltage ($V_{CBO}$)** | 50V |
| **Collector Current ($I_C$)** | 100mA (Continuous) |
| **Power Dissipation ($P_{tot}$)** | 500mW |
| **DC Current Gain ($h_{FE}$)** | 420 to 800 |
| **Transition Frequency ($f_T$)** | 300 MHz |
---
### 2. Pinout Configuration
When looking at the flat side of the TO-92 package with the leads pointing down, the pin configuration is as follows:
1. **Collector (C):** Current enters the transistor here.
2. **Base (B):** The trigger that controls the flow between Collector and Emitter.
3. **Emitter (E):** Current exits the transistor to the ground or common rail.
---
### 3. Key Characteristics
* **High Gain:** Because it is the "C" variant, it can amplify very small input signals significantly.
* **Low Noise:** It is designed to provide a high signal-to-noise ratio, making it ideal for audio pre-amplifiers.
* **Fast Switching:** With a transition frequency of 300MHz, it handles high-frequency oscillation and fast pulse switching efficiently.
---
### 4. Common Applications
Due to its versatility, the BC548C is used in:
* **Signal Amplification:** Boosting weak signals from sensors or microphones.
* **Switching:** Driving small loads like LEDs, relays, or logic gates (up to 100mA).
* **Darlington Pairs:** Combined with another transistor to create extremely high gain.
* **PWM Circuits:** Used in pulse width modulation for brightness or speed control.
---
### 5. Equivalent Alternatives
If the BC548C is unavailable, the following transistors are common replacements:
| Part Number | Relation | Notes |
| :--- | :--- | :--- |
| **BC547** | Higher Voltage | Rated for 45V instead of 30V. |
| **BC549** | Ultra Low Noise | Better for sensitive audio stages. |
| **2N3904** | Equivalent (USA) | Different pinout (E-B-C instead of C-B-E). |
| **BC558** | PNP Complement | Used for push-pull amplifier configurations. |
- ⤷
What is the difference between the BC548A
- ⤷ B
- ⤷ and C variants?
- ⤷ How do I calculate the base resistor for a BC548C in a switching circuit?
- ⤷ Can a BC548C be used to drive a 12V relay?