AI

The **LCMXO2-1200HC-4TG100C** is a non-volatile Field Programmable Gate Array (FPGA) from the **MachXO2 family** manufactured by Lattice Semiconductor. It is widely used in system control, interface bridging, and power management applications.
---
### 1. Key Technical Specifications
The table below outlines the core electronic parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 1,280 Look-Up Tables |
| **User I/O Count** | 79 I/O pins |
| **Embedded RAM (EBR)** | 64 Kbits |
| **Flash Memory** | 64 Kbits (User Flash Memory) |
| **Package** | 100-pin TQFP (Thin Quad Flat Pack) |
| **Speed Grade** | -4 (Standard Performance) |
| **Supply Voltage** | 2.5V to 3.3V (HC version) |
| **Operating Temp** | 0°C to 85°C (Commercial Grade) |
---
### 2. Core Functional Blocks
This FPGA integrates several specific hardware features that distinguish it from standard logic devices:
#### A. Instant-on Configuration
Unlike SRAM-based FPGAs (like those from Xilinx or Intel) that require an external SPI Flash chip to load code on boot, the MachXO2 has **on-chip Flash**. This allows the device to be active in microseconds, making it ideal for managing power-up sequences of larger processors.
#### B. Hardened I2C, SPI, and Timer Blocks
To save logic resources, the device includes "Hardened" IP cores. This means it has dedicated physical circuits for:
* Two I2C interfaces.
* One SPI interface.
* A 16-bit Timer/Counter.
#### C. Flexible I/O (sysIO)
The 79 user I/Os support a variety of signaling standards including **LVCMOS, LVTTL, PCI, and LVDS**. This makes it an excellent "glue logic" component for bridging chips with different voltage levels.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variant replacements:
* **LCMXO2**: MachXO2 Product Family.
* **1200**: Density (Number of Logic Elements).
* **HC**: High-performance core voltage (2.5V / 3.3V).
* **4**: Speed Grade (4 is the standard speed).
* **TG100**: Package type (TQFP, 100-pin).
* **C**: Commercial Temperature range.
---
### 4. Typical Use Cases
1. **System Reset Generation:** Managing the boot order of CPUs and ASICs.
2. **I/O Expansion:** Adding more GPIOs to a microcontroller via SPI or I2C.
3. **Display Driving:** Interfacing with small LCD or LED arrays.
4. **Sensor Hub:** Aggregating data from multiple low-speed sensors.
- ⤷
What are the differences between the 'HC' and 'ZE' variants of the MachXO2?
- ⤷ Which software tool is used to program the LCMXO2-1200HC?
- ⤷ Can the User Flash Memory (UFM) be used for data storage during runtime?