AI

The **LCMXO2-2000HC-4TG144I** is a low-power, instant-on FPGA (Field Programmable Gate Array) from the **Lattice MachXO2** family. It is widely used in bridge logic, system control, and interface expansion applications due to its built-in flash memory and high I/O density.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Lattice Semiconductor |
| **Logic Cells (LUTs)** | 2,112 |
| **User I/O Count** | 111 |
| **Embedded Block RAM** | 74 Kbits |
| **Flash Memory** | 74 Kbits User Flash Memory (UFM) |
| **Voltage Supply (Core)** | 2.375V ~ 3.465V |
| **Package / Case** | 144-TQFP (Thin Quad Flat Pack) |
| **Operating Temperature** | -40°C ~ 100°C (Industrial Grade) |
| **Speed Grade** | -4 (Standard Performance) |
---
## 2. Key Architectural Features
### A. Non-Volatile "Instant-On" Technology
Unlike traditional FPGAs that require an external SPI Flash to load the bitstream upon power-up, the MachXO2 series integrates the configuration memory on-chip.
- **Benefit:** The device is operational in microseconds.
- **Security:** It is harder to intercept the configuration data since it remains inside the chip.
### B. Hardened IP Cores
The silicon includes dedicated "hard" blocks for common functions, which saves logic cells (LUTs) for your custom code:
- **I2C & SPI:** Dedicated controllers for peripheral communication.
- **Timer/Counters:** Built-in hardware timers.
- **PLLs (Phase Locked Loops):** One PLL is included for frequency synthesis and clock management.
### C. Low Power Consumption
The "HC" in the part number denotes a "High Performance" variant (Standard 2.5V/3.3V supply), but the MachXO2 architecture is specifically designed for low static power, making it suitable for handheld or battery-operated industrial equipment.
---
## 3. Pinout and Physical Characteristics
The **TG144** package is a 144-pin TQFP. This is a leaded package, which is generally easier to prototype and hand-solder compared to BGA (Ball Grid Array) packages.
### Typical Pin Assignments:
1. **VCC:** Core voltage power pins.
2. **VCCIO (0-3):** Multiple I/O banks that can be powered at different voltages (e.g., Bank 0 at 3.3V, Bank 1 at 1.8V).
3. **JTAG (TDI, TDO, TCK, TMS):** Programming and debugging interface.
4. **Config Pins:** Pins used to trigger re-programming from the internal flash.
---
## 4. Typical Applications
* **System Control:** Power sequencing, reset generation, and status monitoring.
* **Interface Bridging:** Converting signals between different standards (e.g., I2C to Parallel, SPI to UART).
* **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
* **Display Driving:** Driving small character or graphic LCDs.
- ⤷
What are the main differences between the HC and ZE variants of the MachXO2 family?
- ⤷ Which software tool is required to program the LCMXO2-2000HC?
- ⤷ Can this FPGA be used for high-speed differential signaling like LVDS?