AI

The **LCMXO2-2000ZE-2FTG256I** is a member of the MachXO2 family produced by **Lattice Semiconductor**. It is an ultra-low-power, instant-on Flash-based FPGA (Field Programmable Gate Array) designed for system control, interface bridging, and power management applications.
---
## 1. Technical Specifications Overview
The following table highlights the core hardware parameters of this specific part number:
| Parameter | Specifications |
| :--- | :--- |
| **Logic Cells (LUTs)** | 2112 |
| **User I/O Count** | 206 |
| **Embedded Block RAM (EBR)** | 72 Kbits |
| **Distributed RAM** | 16 Kbits |
| **Flash Memory** | User Flash Memory (UFM) available |
| **Supply Voltage (Core)** | 1.14V to 1.26V (ZE variant) |
| **Operating Temperature** | -40°C to 100°C (Industrial Grade) |
| **Package** | 256-ball FTBGA (17mm x 17mm) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific capabilities of this component:
* **LCMXO2**: MachXO2 Product Family.
* **2000**: Density (approximately 2112 Look-Up Tables).
* **ZE**: Ultra-Low Power version (1.2V core voltage).
* **2**: Speed Grade (Standard).
* **FTG256**: Fine-pitch Thin BGA (FTBGA) package with 256 balls, lead-free (Green).
* **I**: Industrial Temperature range.
---
## 3. Key Electronic Features
### A. Instant-On Architecture
Unlike SRAM-based FPGAs that require an external PROM to load configuration data upon power-up, the MachXO2 stores its configuration in on-chip non-volatile Flash memory. This allows the chip to become active in less than 1ms.
### B. Hardened IP Blocks
To save logic cells for user applications, the chip includes dedicated hardware (Hardened IP) for common functions:
* **I2C / SPI Interfaces:** Dedicated controllers for serial communication.
* **Timer/Counters:** 16-bit hardware timers.
* **PLLs:** Phase Locked Loops for clock management and frequency synthesis.
### C. Low Power Consumption
The **ZE (Ultra-Low Power)** series is optimized for battery-operated devices. It features static power consumption as low as **sub-100µA**, making it suitable for "always-on" monitoring roles.
### D. Flexible I/O
The 206 I/Os support a wide range of standards, including LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V), LVDS, and differential signaling, allowing it to act as a "glue logic" bridge between different chips on a PCB.
---
## 4. Typical Applications
* **System Control:** Power sequencing, reset generation, and status monitoring.
* **Interface Bridging:** Converting signals between different protocols (e.g., I2C to Parallel).
* **I/O Expansion:** Adding more GPIOs to a microcontroller or SoC.
* **Consumer Electronics:** Used in tablets, smartphones, and medical handhelds due to the low-power ZE profile.
- ⤷
What is the difference between the ZE and HC variants of the MachXO2 family?
- ⤷ Which software tool is used to program the LCMXO2-2000ZE?
- ⤷ Does this FPGA support User Flash Memory for data storage?