AI

The **LCMXO2-2000ZE-2TG100C** is a non-volatile, low-power FPGA (Field Programmable Gate Array) from the **MachXO2** family, manufactured by Lattice Semiconductor. This specific part is widely used for system control functions, glue logic, and interface bridging.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific capabilities of this component:
| Code Segment | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Product Family |
| **2000** | Logic Density (approx. 2112 Look-Up Tables / LUTs) |
| **ZE** | Ultra Low Power (1.2V Core Voltage) |
| **2** | Speed Grade (Standard performance) |
| **TG100** | Package Type: 100-pin TQFP (Thin Quad Flat Pack) |
| **C** | Temperature Grade: Commercial (0°C to 85°C) |
---
### 2. Technical Specifications
The "ZE" variant is specifically optimized for power-sensitive applications like handheld devices.
| Parameter | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 2,112 |
| **User I/O Count** | 79 Pins |
| **Embedded Block RAM** | 74 Kbits |
| **Distributed RAM** | 16 Kbits |
| **User Flash Memory** | 64 Kbits |
| **Core Supply Voltage** | 1.2 V |
| **I/O Bank Voltage** | 1.2V to 3.3V (Multiple banks) |
| **Hardened IP Blocks** | I2C, SPI, Timer/Counter |
---
### 3. Key Electronic Features
#### A. Instant-On Technology
Unlike high-end FPGAs that require an external Flash memory to load their configuration at startup, the MachXO2 features **on-chip Flash**. This allows the device to become active in microseconds, making it ideal for managing power-up sequences of larger processors.
#### B. Hardened Primary IP
To save logic cells for custom tasks, Lattice has "hardened" (built-in as physical circuits) common interfaces:
* Two **I2C** controllers.
* One **SPI** controller.
* One **User Flash Memory (UFM)** for data storage or ID codes.
#### C. Low Power Consumption
The "ZE" series uses a 1.2V core, significantly reducing static power consumption (standby current) compared to the standard "HC" (High-Performance 2.5V/3.3V) variants.
---
### 4. Typical Applications
* **Power Sequencing:** Managing the order in which different voltage rails turn on in a complex system.
* **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
* **Level Shifting:** Bridging communication between a 1.2V CPU and 3.3V peripherals.
* **Display Interface:** Driving small character or segment LCDs.
- ⤷
What are the differences between the 'ZE' and 'HC' variants of MachXO2?
- ⤷ How do I program the internal Flash of the LCMXO2-2000ZE?
- ⤷ Can this FPGA be used for high-speed differential signaling like LVDS?