Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LCMXO2-2000ZE-3TG144C

  • AI
    The **LCMXO2-2000ZE-3TG144C** is a member of the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are known for being low-power, instant-on, and non-volatile, making them popular for system control, interface bridging, and power management applications. --- ### 1. Key Technical Specifications The part number itself reveals specific technical parameters of the chip: | Feature | Specification | Description | | :--- | :--- | :--- | | **Logic Cells** | 2,112 LUTs | Look-Up Tables for implementing logic functions. | | **Family** | MachXO2 | Ultra-low power family. | | **Voltage Supply** | 1.2V | The "ZE" suffix indicates the 1.2V core voltage version. | | **Speed Grade** | -3 | The performance rating (middle-tier speed). | | **Package** | 144-pin TQFP | Thin Quad Flat Pack (easy to solder/prototype). | | **User I/Os** | 111 Pins | Number of programmable input/output pins. | | **Operating Temp** | 0°C to 85°C | Commercial (C) temperature range. | --- ### 2. Functional Electronic Components The internal architecture of the LCMXO2-2000ZE consists of several specialized electronic blocks: #### A. Logic Blocks and Memory * **PFUs (Programmable Functional Units):** Contain the LUTs, registers, and logic paths to perform math, multiplexing, and logic gates. * **Embedded Block RAM (EBR):** Dedicated memory (72 Kbits) for data storage, FIFO buffers, or small lookup tables. * **User Flash Memory (UFM):** 64 Kbits of non-volatile memory that can be used for configuration or storing persistent data (like serial numbers). #### B. Clocking and Power * **Internal Oscillator:** Eliminates the need for an external crystal for non-critical timing tasks. * **Phase Locked Loops (PLLs):** One onboard PLL for frequency synthesis and clock phase adjustment. * **Low Power Mode:** The "ZE" series is optimized for extremely low static power consumption (microwatts). #### C. Dedicated Hardware Interfaces The MachXO2 includes hard-coded (non-logic based) blocks for common communication protocols to save space: * **I2C & SPI Hardened IPs:** Dedicated circuitry for these protocols. * **Timer/Counters:** 16-bit timers available for system monitoring. --- ### 3. Application Use-Cases In an electronic system, this specific part is typically used for: 1. **System Reset & Initialization:** Managing the power-up sequence of larger processors. 2. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. 3. **Level Shifting:** Bridging signals between components operating at different voltages (e.g., 1.2V to 3.3V). 4. **Display Driving:** Handling the timing logic for small LCD screens. --- ### 4. Typical Connection Diagram (Pin Groups) When designing a PCB with this part, you will interact with these pin categories: ```text 144-TQFP Package Layout: - VCC: 1.2V Core Power Supply - VCCIO: 1.2V to 3.3V I/O Bank Power Supply - GND: System Ground - JTAG: TCK, TDI, TDO, TMS (Programming Interface) - GPIO: General Purpose I/O for your specific logic ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'ZE' and 'HC' variants of the MachXO2 family?
    • ⤷ How do you program this chip
    • ⤷ and what software is required?
    • ⤷ Can this FPGA be used for high-speed signal processing like DSP?