AI

The **LCMXO2-640HC-6TG100C** is a member of the **MachXO2** family developed by Lattice Semiconductor. It is categorized as an ultra-low-power, instant-on, non-volatile PLD (Programmable Logic Device) that bridges the gap between a CPLD and an FPGA.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific capabilities of this component:
| Code Segment | Meaning | Specification |
|:---|:---|:---|
| **LCMXO2** | Family Name | MachXO2 |
| **640** | Density | 640 Look-Up Tables (LUTs) |
| **HC** | Voltage/Speed | High Performance / 2.5V to 3.3V VCC |
| **6** | Speed Grade | Grade 6 (Standard performance) |
| **TG100** | Package Type | 100-pin TQFP (Thin Quad Flat Pack) |
| **C** | Temp Grade | Commercial (0°C to 85°C) |
---
## 2. Key Technical Specifications
The device is designed for system control functions, glue logic, and interface bridging.
### Core Resources
* **LUTs:** 640 Look-Up Tables.
* **User I/O:** 78 Maximum user I/O pins.
* **Embedded Block RAM (EBR):** 18 Kbits.
* **Distributed RAM:** 5 Kbits.
* **Flash Memory:** User Flash Memory (UFM) available for non-volatile data storage.
### Electrical Characteristics
* **Supply Voltage ($V_{CC}$):** 2.5V to 3.3V.
* **I/O Standards:** Supports LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V), LVTTL, PCI, and differential signaling like LVDS.
* **Power Consumption:** Extremely low standby power, typically in the micro-amp range.
---
## 3. Notable Features
### Non-Volatile "Instant-On"
Unlike traditional FPGAs that require an external SPI Flash to load bitstreams at power-up, the MachXO2 stores its configuration in internal Flash. It is operational within milliseconds of power being applied.
### Hardened IP Cores
To save LUT resources for custom logic, the device includes "Hard" (fixed-silicon) implementations of common functions:
* **$I^2C$ Interfaces:** Two hardened controllers.
* **SPI Interface:** One hardened controller.
* **Timer/Counter:** 16-bit hardened timer.
* **Oscillator:** Internal oscillator for clocking without external crystals.
### Dual Boot Support
The device supports "Background Programming," allowing the device to remain operational while a new configuration is being loaded into the Flash memory.
---
## 4. Typical Applications
Due to its small footprint and low power, it is commonly used for:
1. **System Power Sequencing:** Managing the power-up order of multi-rail SOCs.
2. **I/O Expansion:** Adding more GPIOs to a microcontroller via SPI or $I^2C$.
3. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.2V to 3.3V).
4. **Interface Bridging:** Converting data between different serial or parallel protocols.
---
- ⤷
What is the difference between the 'HC' and 'ZE' variants of the MachXO2 family?
- ⤷ How do I program this device using Lattice Diamond software?
- ⤷ What are the specific power pin requirements for the TQFP-100 package?