AI

The **LCMXO2-7000HC-5FG484I** is a high-performance FPGA (Field Programmable Gate Array) from the **Lattice MachXO2** family. It is designed to bridge the gap between low-density CPLDs (Complex Programmable Logic Devices) and high-density FPGAs, offering instant-on capability and non-volatile memory.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code reveals the specific technical limits of the component:
| Segment | Meaning | Specification |
|:--- |:--- |:--- |
| **LCMXO2** | Product Family | MachXO2 (Generation 2) |
| **7000** | Density | ~7000 Look-Up Tables (LUTs) |
| **HC** | Voltage/Power | High Performance (3.3V / 2.5V core) |
| **5** | Speed Grade | Standard Speed (Higher is faster in this family) |
| **FG484** | Package Type | Fine Pitch Ball Grid Array (FBGA), 484 balls |
| **I** | Temperature Grade | Industrial (-40°C to +100°C) |
---
### 2. Key Technical Specifications
The device is characterized by its balance of logic cells, embedded memory, and I/O flexibility.
* **Logic Cells:** 6,864 LUTs.
* **User I/O:** Up to 334 programmable I/O pins.
* **Embedded Memory:**
* 240 Kbits of Embedded Block RAM (EBR).
* Embedded Flash for non-volatile configuration (User Flash Memory - UFM).
* **Clock Management:** 2 Phase Locked Loops (PLLs) for frequency synthesis and phase adjustment.
* **Hardened IP:** Includes dedicated hardware for I2C, SPI, and Timer/Counters, which saves logic cells for other tasks.
---
### 3. Electronic Architecture
The LCMXO2-7000HC utilizes a **SRAM-based logic fabric with on-chip Flash memory**. This dual-architecture provides two major benefits:
1. **Instant-On:** The device configures itself from internal Flash in microseconds upon power-up.
2. **Security:** Since the configuration bitstream is stored on-chip rather than an external ROM, it is much harder to intercept or clone.
---
### 4. Implementation Example
Below is a conceptual example of how the I/O pins might be defined in **Verilog** for this device:
```verilog
// Simple LED toggle module for MachXO2
module top (
input wire clk_in, // Input clock
input wire rst_n, // Reset (Active Low)
output reg led_out // Output to a pin
);
reg [23:0] counter;
always @(posedge clk_in or negedge rst_n) begin
if (!rst_n) begin
counter <= 24'd0;
led_out <= 1'b0;
end else begin
counter <= counter + 1;
if (counter == 24'hFFFFFF)
led_out <= ~led_out;
end
end
endmodule
```
---
### 5. Common Use Cases
* **System Control:** Power sequencing, reset generation, and glue logic.
* **Interface Bridging:** Converting signals between different standards (e.g., LVDS to CMOS).
* **I/O Expansion:** Providing extra GPIOs for microcontrollers via SPI or I2C.
* **Industrial Automation:** Due to the "I" (Industrial) temperature rating, it is frequently used in motor control and sensor processing.
- ⤷What are the power consumption characteristics of the HC versus the ZE variant?
- ⤷ How does the 'Instant-On' feature compare to traditional FPGAs?
- ⤷ Which software tool is required to program the LCMXO2-7000HC?