AI

The **LCMXO2-7000HC-5TG144C** is a member of the MachXO2 family developed by Lattice Semiconductor. It is a non-volatile, low-power FPGA (Field Programmable Gate Array) designed for system applications like glue logic, bus bridging, and power management.
---
### 1. Key Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Logic Cells** | 6,864 Look-Up Tables (LUTs) |
| **User I/O Count** | 114 I/Os |
| **Voltage Supply** | 2.375V to 3.465V (Core) |
| **Package / Case** | 144-LQFP (Low-profile Quad Flat Pack) |
| **Operating Temperature** | 0°C to 85°C (Commercial Grade) |
| **Embedded RAM** | 240 Kbits (EBR) |
| **Flash Memory** | User Flash Memory (UFM) available |
| **Speed Grade** | -5 (High Performance) |
---
### 2. Breakdown of the Part Number
The alphanumeric string provides specific details about the component's architecture and packaging:
* **LCMXO2**: MachXO2 Product Family.
* **7000**: Density (approx. 7000 LUTs).
* **HC**: High Capacity / High Performance (Standard voltage).
* **5**: Speed grade (higher numbers generally indicate faster performance in this series).
* **TG144**: 144-pin TQFP (Thin Quad Flat Pack) package.
* **C**: Commercial temperature range.
---
### 3. Integrated Electronic Features
This FPGA is unique because it integrates several features that typically require external components:
* **Non-Volatile Configuration:** Unlike many FPGAs that require an external SPI Flash to load their configuration upon power-up, this chip has **on-chip Flash**. It is "instant-on."
* **Hardened IP Blocks:** It contains dedicated hardware for common functions, saving logic cells for other tasks:
* **I2C & SPI** interfaces.
* **Timer/Counters**.
* **PLLs (Phase Locked Loops)** for frequency synthesis and clock management.
* **Flexible I/O:** The I/O pins support various standards (LVCMOS, LVTTL, PCI, LVDS) and include internal pull-ups.
---
### 4. Common Applications
Due to its small footprint and low power consumption, it is frequently used for:
1. **System Control:** Power-up sequencing and reset signal generation.
2. **Interface Bridging:** Converting signals between different protocols (e.g., I2C to parallel).
3. **IO Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
4. **Display Drivers:** Driving small LCD or LED arrays.
- ⤷
What is the power consumption of this FPGA in standby mode?
- ⤷ Which software tool is required to program the MachXO2 series?
- ⤷ Does this specific model support LVDS differential signaling?