LCRS10-R47JB
AI

The part number **LCRS10-R47JB** refers to a specific type of **Surface Mount (SMD) Power Resistor**, typically categorized as a Low Ohmic / Current Sensing resistor.
### 1. Part Number Breakdown
Based on standard industry naming conventions for manufacturers like Taiyo Yuden or similar electronic component producers, the part number can be decoded as follows:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | LCRS | Low Ohmic Current Sense Resistor |
| **Size** | 10 | Case size (typically 0805 in metric or imperial depending on mfr) |
| **Resistance** | R47 | **0.47 Ohms** (Ω) |
| **Tolerance** | J | **±5%** |
| **Packaging** | B | Bulk or specific Tape & Reel format |
---
### 2. Technical Specifications
These components are engineered for precision and power handling in circuits where current needs to be measured.
* **Resistance Value:** 0.47 Ω (470 mΩ).
* **Tolerance:** ±5% (Standard precision for power sensing).
* **Temperature Coefficient (TCR):** Usually low (e.g., ±200ppm/°C to ±400ppm/°C) to ensure stability during heating.
* **Construction:** Thick film or Metal foil on a ceramic substrate, designed to withstand thermal expansion.
---
### 3. Key Functions & Applications
The LCRS10-R47JB is primarily used in **Current Sensing** applications. Its role is to convert a current flow into a small, measurable voltage drop ($V = I \times R$).
#### Common Applications:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in mobile devices or power tools.
* **DC-DC Converters:** Providing feedback to the controller to regulate output current.
* **Motor Control:** Detecting over-current conditions to protect the motor.
* **LED Drivers:** Ensuring constant current is supplied to high-power LEDs.
---
### 4. Comparison Table: Standard vs. Current Sense Resistors
| Feature | Standard Resistor | LCRS10-R47JB (Current Sense) |
| :--- | :--- | :--- |
| **Resistance Range** | 10Ω to 10MΩ | Very Low (< 1Ω) |
| **Primary Goal** | Voltage Division / Limiting | Measuring Current Flow |
| **Heat Dissipation** | Low to Moderate | High (Optimized for thermal flow) |
| **Accuracy** | High Tolerance (1-10%) | High Stability at low values |
---
- ⤷What is the wattage rating for the LCRS10 series?
- ⤷ How does a 0.47 ohm resistor affect power efficiency in a circuit?
- ⤷ Can I substitute a ±1% tolerance resistor for this ±5% model?