AI

The **LCS-01-R/K** is a specific series of miniature microswitches (also known as snap-action switches) manufactured by **C&K Components** (now part of Littelfuse). These switches are widely used for detecting presence, limiting travel, or as simple user-interface triggers in industrial and consumer electronics.
---
### Technical Specifications Overview
The model designation breaks down into specific electrical and mechanical characteristics. Below is a summary of the typical properties for this series:
| Parameter | Specification |
| :--- | :--- |
| **Contact Rating** | 0.1A @ 125/250 VAC; 0.1A @ 30 VDC |
| **Contact Type** | SPDT (Single Pole Double Throw) |
| **Operating Force** | 150 grams (standard for -01 variant) |
| **Switch Function** | On-Mom (Momentary) |
| **Actuator Style** | Lever or Pin Plunger (depending on suffix) |
| **Electrical Life** | 10,000 to 100,000 cycles (load dependent) |
| **Mechanical Life** | Up to 1,000,000 cycles |
---
### Part Number Breakdown (LCS-01-R/K)
Understanding the suffix is critical for identifying the electronic behavior and physical mounting:
1. **LCS**: Series Name (Subminiature Snap-acting Switch).
2. **01**: Current Rating (Logic level/Low current, typically 0.1 Amp gold-plated contacts).
3. **R/K (Actuator/Terminal)**:
* **R**: Usually refers to the **Right Angle** PC Thru-hole terminal orientation.
* **K**: Often designates the **Actuator type**, specifically a **Short Roller Lever**.
---
### Key Electronic Components & Materials
* **Contacts**: Typically made of **Gold alloy** or gold-plated brass. Because this is the "01" (low current) version, gold is used to prevent oxidation and ensure reliability at low voltages (logic levels).
* **Housing**: High-temperature Thermoplastic (PBT or PET), usually rated UL 94V-0 for flame retardancy.
* **Terminals**: Silver-plated or Gold-plated brass for high solderability.
* **Spring Mechanism**: Beryllium copper or stainless steel snap-action spring to ensure rapid contact transfer regardless of actuation speed.
---
### Common Applications
Due to its small footprint and high reliability at low currents, the LCS-01-R/K is used in:
* **Computer Peripherals**: Mouse buttons or joystick triggers.
* **Industrial**: End-of-travel limit switches for small actuators.
* **Consumer Goods**: Door sensors for microwaves or small appliances.
* **Medical**: Pressure or position sensing in portable devices.
- ⤷
What is the difference between the 01 and 05 current ratings in the LCS series?
- ⤷ How do I wire the SPDT terminals for a Normally Closed (NC) configuration?
- ⤷ What are the specific physical dimensions for the R-type right-angle mounting?