LCS-0C-R
AI

The **LCS-0C-R** belongs to the **LCS series** of miniature snap-action switches (often referred to as microswitches). These components are manufactured by various electronic component firms (such as C&K, now part of Littelfuse) and are primarily used for signal-level switching and detection.
---
## 1. Technical Specifications
The "LCS-0C-R" designation typically describes the physical form factor, the electrical rating, and the actuator type.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Snap-Action / Microswitch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 0.1A to 5A (model dependent) |
| **Voltage Rating** | 125V AC / 30V DC |
| **Actuator Style** | Lever (often a simulated roller or short lever) |
| **Termination** | Solder terminals or PCB pins |
| **Operating Force** | Light (typically < 150 grams) |
---
## 2. Key Internal Components
The LCS-0C-R is comprised of several precision-engineered parts that ensure a reliable mechanical-to-electrical transition:
### A. The Plunger & Actuator
The **R** in the suffix usually denotes the specific lever arm. In this case, it is often a **short straight lever** or a **simulated roller**. This part translates external physical force into internal movement.
### B. Snap-Action Mechanism
Unlike a standard toggle, the LCS uses a **beryllium copper spring leaf**. This ensures that the contacts snap from one position to the other at a consistent speed, regardless of how slowly the lever is pressed. This prevents "arcing" and reduces wear.
### C. Contacts
* **Stationary Contacts:** Fixed points for Normally Open (NO) and Normally Closed (NC) positions.
* **Moving Contact:** Attached to the spring mechanism.
* **Plating:** Usually gold-plated for low-current signal applications to prevent oxidation.
### D. Housing
The body is typically made of **PBT (Polybutylene Terephthalate)** or a similar high-performance thermoplastic that is flame retardant (UL 94V-0 rated).
---
## 3. Typical Applications
Because of its small size and high reliability, the LCS-0C-R is found in:
1. **Industrial:** Limit switches for moving parts.
2. **Consumer Electronics:** Detecting if a door is closed (e.g., microwave, printer).
3. **Medical:** Fluid level detection or panel interlocking.
4. **Computing:** Mouse buttons or joystick triggers.
---
## 4. Connection Diagram (SPDT)
The switch features three pins, which are used as follows:
```text
Pin 1: COM (Common)
Pin 2: NC (Normally Closed) - Connected to COM when lever is UP.
Pin 3: NO (Normally Open) - Connected to COM when lever is DOWN.
```
- ⤷
What is the difference between the 'LCS' and 'LCG' series switches?
- ⤷ How do I calculate the mechanical life expectancy of this switch?
- ⤷ Can this switch be used for high-voltage power switching?