LCS-15B-R/
AI

The **LCS-15B-R** is a specific electronic component, most commonly identified as a **Limit Switch** or a **Miniature Snap Action Switch** (often part of the LCS series by manufacturers like Burgess or Saia-Burgess/Johnson Electric).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications Table
| Parameter | Details |
| :--- | :--- |
| **Switch Type** | Miniature Snap Action / Microswitch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 5A to 15A (Depending on voltage) |
| **Voltage Rating** | 125 / 250 VAC |
| **Actuator Style** | Often a simulated roller or short lever (indicated by "B-R") |
| **Termination** | Solder terminals or Quick Connect (0.110") |
| **Operating Force** | Medium-High (Standard snap action) |
---
### 2. Key Electronic Features
#### A. Contact Configuration (SPDT)
The device typically features three terminals:
* **COM (Common):** The input line.
* **NC (Normally Closed):** Conducts electricity when the switch is at rest.
* **NO (Normally Open):** Conducts electricity only when the actuator is pressed.
#### B. Snap-Action Mechanism
The "Snap-Action" means that the contact transfer happens at a specific speed regardless of how fast or slow the physical lever is pushed. This prevents "arcing" (sparks) between contacts, extending the electronic life of the part.
#### C. Environmental Durability
The LCS series is often rated for high-cycle life (frequently over 100,000 mechanical operations) and is designed to handle resistive loads in household appliances or industrial machinery.
---
### 3. Application Use Cases
Due to its reliability, the LCS-15B-R is used in:
1. **Safety Interlocks:** Ensuring a microwave door or industrial guard is closed.
2. **Position Sensing:** Detecting the limit of travel in a motorized gate or 3D printer axis.
3. **Control Logic:** Acting as a physical trigger for a relay or PLC input.
---
### 4. Circuit Diagram Representation
```mermaid
graph LR
A[Common Pin] --- B{Switch Mechanism}
B -- Default --o C[NC Terminal]
B -- Pressed --o D[NO Terminal]
```
- ⤷What is the exact physical dimensions of the LCS-15B-R housing?
- ⤷ What is the difference between the 'R' and 'L' suffixes in this series?
- ⤷ How do I wire this switch for a 'normally open' circuit?