LCS-15B-R/E
AI

## Electronic Specifications: LCS-15B-R/E
The **LCS-15B-R/E** is a specific model of a **Liquid Column Sensor** (often associated with brands like Takex or Seeika). These sensors are primarily used for non-contact detection of liquid presence or levels within pipes, typically utilizing infrared or capacitive technology.
---
### Core Technical Specifications
The following table outlines the electronic characteristics typically found in this series:
| Feature | Specification Details |
| :--- | :--- |
| **Supply Voltage** | 12 to 24V DC (±10% ripple) |
| **Current Consumption** | Approx. 30mA or less |
| **Output Type** | NPN Open Collector (usually) |
| **Control Output** | Max 100mA (30V DC) |
| **Response Time** | 2ms or less |
| **Indicator Lamp** | Operation Indicator (usually Red LED) |
| **Connection Method** | Pre-wired Cable (approx. 2m) |
---
### Internal Electronic Components & Operation
The device operates using a combination of opto-electronic principles. Below is a breakdown of the internal logic:
1. **Infrared Emitter/Receiver:** The "B" in the model often signifies a Beam-type or specific sensing frequency. It uses an IR LED to pulse light through the tube.
2. **Refraction Logic:** The "R/E" designation often refers to the **Refraction** principle.
* When the pipe is empty, light passes through or reflects in a specific way.
* When liquid is present, the refractive index changes, diverting the light to the receiver, triggering the output.
3. **Output Circuitry:** It uses an NPN transistor configuration. This acts as a switch to ground when the sensor is activated.
---
### Wiring Configuration
The electronic interface usually follows a standard industrial color code:
```yaml
Brown: +V (12-24V DC)
Blue: 0V (GND)
Black: Control Output (NPN)
```
### Key Application Considerations
* **Pipe Compatibility:** Designed for transparent or semi-transparent pipes (PFA, PE, or Glass).
* **Bubble Interference:** The electronic logic includes a small buffer to prevent false triggering from tiny air bubbles.
* **Environmental Protection:** Usually rated IP66/67 to protect electronic parts from moisture and chemical splashes.
---
- ⤷What is the difference between the NPN and PNP versions of this sensor?
- ⤷ Can this sensor detect opaque liquids like milk or ink?
- ⤷ What is the maximum pipe diameter compatible with the LCS-15B?