LCS-43-R/
AI

The **LCS-43-R** is an electronic component primarily classified as a **Limit Switch** or **Micro Switch**, often used in industrial control systems and consumer electronics for position sensing or safety interlocking.
---
### 1. Technical Specifications
The LCS series (often manufactured by companies like Burgess or Saia-Burgess) is known for its compact size and high reliability.
| Feature | Description |
| :--- | :--- |
| **Switch Type** | Miniature Snap Action / Limit Switch |
| **Actuator Type** | Roller Lever (indicated by the 'R') |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Terminal Type** | Solder or Quick Connect (depending on sub-variant) |
| **Current Rating** | Typically 5A to 10A at 250VAC |
| **Operating Force** | Medium (approx. 1.0N to 2.5N) |
---
### 2. Key Electronic Components
A switch like the LCS-43-R consists of several internal electronic and mechanical parts:
* **Contacts (Silver Alloy):** The internal points that make or break the electrical circuit. Silver is used for its high conductivity and resistance to oxidation.
* **Snap-Action Spring:** A beryllium copper or stainless steel spring that ensures a rapid transition between contacts, preventing "arcing" (electrical sparking).
* **Actuator (Roller Lever):** The physical interface. The roller reduces friction and wear when the switch is triggered by a cam or moving part.
* **Insulating Housing:** Usually made of a high-temperature thermoplastic (like PBT or Phenolic) to prevent short circuits and withstand heat.
---
### 3. Circuit Logic (SPDT)
The LCS-43-R operates on a 3-pin configuration, allowing it to be used in two different ways:
1. **Normally Open (NO):** The circuit is completed only when the lever is pressed.
2. **Normally Closed (NC):** The circuit is broken when the lever is pressed.
3. **Changeover:** Switching between two different loads or signals.
```mermaid
graph LR
COM[Common Pin] --- NO[Normally Open]
COM --- NC[Normally Closed]
```
---
### 4. Common Applications
* **Industrial Automation:** Detecting the end-of-travel for a conveyor belt or robotic arm.
* **Safety Interlocks:** Ensuring a machine door is closed before the power can be turned on.
* **Consumer Goods:** Detecting the position of a microwave door or a printer carriage.
- ⤷
What is the maximum voltage rating for the LCS-43-R?
- ⤷ How does a roller lever differ from a plunger actuator in limit switches?
- ⤷ Can this switch be used for DC current applications?