LCS2-54-R/Q
AI

Based on the model number provided, the **LCS2-54-R/Q** typically refers to a specialized **Low-Current Magnetic Sensor** or a specific **Limit Switch** component often used in industrial automation and robotics.
Below is a breakdown of the technical and electronic characteristics of this part.
---
### 1. Technical Specifications
The "LCS" series is generally characterized by its high sensitivity and low power consumption, making it suitable for interfacing directly with microcontrollers and PLCs.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Magnetic Proximity / Reed Switch |
| **Voltage Range** | 5V to 30V DC |
| **Current Rating** | ≤ 50mA |
| **Switching Logic** | Normally Open (NO) / Normally Closed (NC) |
| **Indicator** | Integrated LED (Red/Green) |
| **Protection** | IP67 (Dust & Water Resistant) |
### 2. Electronic Operating Principles
The device operates on the **Hall Effect** or via a **Magnetic Reed** mechanism:
* **Magnetic Actuation:** The internal circuit closes or opens when a magnetic field (usually from a cylinder piston or external magnet) comes within the sensing range.
* **Solid State vs. Reed:** The "R" in the suffix often denotes a **Reed Switch** (mechanical contact), while the "Q" refers to a specific **Quick-Disconnect** (M12 or M8) connector type.
* **Signal Output:** It provides a discrete binary signal (High/Low) to the control system.
### 3. Wiring Configuration
Depending on the specific variant (R vs Q), the wiring usually follows standard industrial color coding:
```yaml
Brown: Positive (+VDC)
Blue: Negative (0V / GND)
Black: Load / Signal Output
```
### 4. Key Applications
* **Pneumatic Cylinders:** Monitoring the position of a piston (End-of-stroke detection).
* **Safety Interlocks:** Ensuring a guard or door is closed before machinery operates.
* **Pulse Counting:** Measuring RPM or cycles in low-speed machinery.
---
- ⤷
Is this sensor compatible with 24V PLC inputs?
- ⤷ What is the difference between the R and Q suffixes in terms of physical mounting?
- ⤷ Does this model support NPN or PNP output logic?