LCY-111W-R
AI

The **LCY-111W-R** is a specific surface-mount technology (SMT) electronic component, primarily recognized as a high-brightness **LED (Light Emitting Diode)**. It is manufactured by companies like ROHM Semiconductor and is commonly used in indicator panels and backlight units.
---
### 1. Technical Specifications
The LCY-111W-R belongs to the "SML-D1" series or similar chip LED families. Below are the typical technical characteristics:
| Parameter | Specification (Typical) |
|:---|:---|
| **Component Type** | SMD LED |
| **Color** | Yellow / Amber |
| **Wavelength** | ~590 nm |
| **Package Size** | 1608 (Metric) / 0603 (Inch) |
| **Luminous Intensity** | 16 - 40 mcd |
| **Forward Voltage ($V_F$)** | 2.0V - 2.4V |
| **Forward Current ($I_F$)** | 20mA (Max) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Key Features
* **Miniature Size:** The 0603 footprint (1.6mm x 0.8mm) makes it ideal for high-density circuit boards.
* **High Reliability:** Designed for consistent brightness and thermal stability.
* **Reflow Soldering:** Compatible with standard industrial infrared and convection reflow processes.
* **Packaging:** Usually supplied in Tape and Reel (T&R) format for automated pick-and-place machines.
---
### 3. Pinout and Polarity
Like most SMD LEDs, the LCY-111W-R has two terminals. Identifying polarity is crucial during PCB assembly:
1. **Anode (+):** The positive terminal.
2. **Cathode (-):** The negative terminal, usually marked on the bottom of the casing with a "T" shape, a notch, or a green colored mark.
---
### 4. Application Circuit Example
To prevent damage, this LED must be used with a current-limiting resistor.
```cpp
// Basic Calculation for a 5V Supply:
// R = (V_supply - V_forward) / I_forward
// R = (5V - 2.0V) / 0.010A (targeting 10mA for longevity)
// R = 300 Ohms
```
---
- ⤷What are the equivalent alternative parts for the LCY-111W-R?
- ⤷ Can you provide the specific dimensions for the 1608 package footprint?
- ⤷ What is the peak power dissipation for this LED model?