Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LCY-14Z-R

  • AI
    The **LCY-14Z-R** is a specific technical component primarily associated with **power distribution systems**, specifically within the category of **High-Voltage or Medium-Voltage Current Transformers (CT)**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The LCY-14Z-R is typically a **Cast Resin Current Transformer**. These devices are designed to transform high primary currents into lower, manageable secondary currents (usually 5A or 1A) for metering, protection, and monitoring equipment. ### Key Specifications | Feature | Description | | :--- | :--- | | **Type** | Indoor / Outdoor Cast Resin (Dry Type) | | **Function** | Current Measurement and Protection | | **Insulation Level** | Up to 12kV or 24kV (depending on specific sub-series) | | **Accuracy Class** | 0.2, 0.5, 5P10, or 10P10 (Standard dependent) | | **Frequency** | 50Hz / 60Hz | | **Mounting** | Post-type or Busbar-type | --- ## 2. Main Electronic Parts & Construction The internal and external architecture of the LCY-14Z-R consists of several critical electronic and physical parts: ### A. Magnetic Core * **Material:** Usually made of high-permeability silicon steel or nanocrystalline alloy. * **Purpose:** To provide a low-reluctance path for the magnetic flux generated by the primary current. ### B. Windings * **Primary Winding:** Carries the high line current. In some LCY models, the primary is a single turn (busbar type). * **Secondary Winding:** Multiple turns of thin copper wire. This is where the reduced current is output to the terminals. ### C. Insulation Body (Epoxy Resin) * The entire assembly is encapsulated in **Epoxy Resin**. This acts as a dielectric insulator, protecting the windings from moisture, dust, and electrical arcing. ### D. Secondary Terminals * These are the connection points (usually labeled S1 and S2) where the measurement device or relay is connected. They often include a short-circuiting link for safety during maintenance. --- ## 3. Operating Principles The device operates on the principle of **Electromagnetic Induction**: 1. **Primary Input:** The high current flowing through the main line creates a magnetic field. 2. **Flux Transfer:** The magnetic core concentrates this field. 3. **Secondary Output:** The secondary winding intercepts the flux, inducing a current proportional to the primary current based on the turns ratio. ### Typical Wiring Example ```cpp // Schematic representation of CT Connection [Primary Line (High Current)] | V +-----------+ | LCY-14Z-R | ----> [S1 Terminal] ----> ( Ammeter / Protection Relay ) | (Core) | ----> [S2 Terminal] ----> ( Ground / Return Path ) +-----------+ ``` --- ## 4. Safety and Maintenance Notes * **Open Circuit Danger:** Never leave the secondary terminals of an LCY-14Z-R open while the primary is energized. This can lead to extremely high voltages (kV range) across the terminals, causing insulation failure or fatal electric shock. * **Polarity:** Ensure the "P1" and "P2" markings on the primary side match the direction of current flow for accurate phase measurement.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated primary current for the LCY-14Z-R series?
    • ⤷ How does the 'Accuracy Class' 0.5 differ from 5P10 in this component?
    • ⤷ What are the common environmental installation requirements for epoxy resin CTs?