Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LD005

  • AI
    The **LD005** typically refers to a **24GHz Microwave Doppler Radar Sensor Module**. These modules are designed for motion detection, human presence sensing, and speed measurement by utilizing the Doppler effect. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the LD005 module: | Parameter | Typical Value | Note | |:---|:---|:---| | **Operating Frequency** | 24.00 ~ 24.25 GHz | ISM Band | | **Operating Voltage** | 3.3V ~ 5V | DC Input | | **Operating Current** | 30mA ~ 45mA | Low power consumption | | **Detection Distance** | 0.5m ~ 10m | Adjustable via software/potentiometer | | **Output Level** | 3.3V TTL | High (Motion) / Low (Static) | | **Beam Angle** | 80° Horizontal / 30° Vertical | Directional sensing | --- ### 2. Core Electronic Components The LD005 is a highly integrated module. Its internal architecture consists of several critical stages: #### A. MMIC (Monolithic Microwave Integrated Circuit) This is the "brain" of the RF section. It includes: * **VCO (Voltage Controlled Oscillator):** Generates the 24GHz carrier wave. * **Transmitting Antenna:** Radiates the microwave signal into the environment. * **Receiving Antenna:** Captures the reflected signals from moving objects. #### B. The Mixer Stage The mixer compares the frequency of the transmitted signal with the reflected signal. The difference between these frequencies—the **Doppler Frequency**—is proportional to the velocity of the moving object. #### C. Signal Processing Unit (MCU/Op-Amp) The raw Doppler signal is extremely weak and noisy. The module includes: * **Band-pass Filters:** To remove low-frequency noise (like power line hum) and high-frequency interference. * **Amplifiers:** To boost the signal to a level readable by logic circuits. * **Comparator/MCU:** Converts the analog signal into a digital "High/Low" output or provides serial data (UART) regarding the target's distance and speed. --- ### 3. Pinout Description Most LD005 modules feature a 5-pin header interface: | Pin | Name | Description | |:---:|:---:|:---| | 1 | **VCC** | Power Input (3.3V - 5V) | | 2 | **GND** | Ground | | 3 | **OUT** | Digital Output (High = Motion detected) | | 4 | **TX** | UART Transmit (for parameter tuning) | | 5 | **RX** | UART Receive (for parameter tuning) | --- ### 4. Comparison: LD005 vs. PIR Sensors | Feature | LD005 (Microwave) | PIR (Infrared) | |:---|:---|:---| | **Sensitivity** | Very High (Detects breathing) | Moderate (Requires heat signature) | | **Environmental Impact** | Works through plastic/wood | Blocked by physical barriers | | **Durability** | Affected by metal/water | Affected by ambient temperature |
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the sensitivity of an LD005 via UART?
    • ⤷ Can the LD005 detect motion through a brick wall?
    • ⤷ What are the common use cases for 24GHz radar vs 5.8GHz radar?