LD1-1R8-R
AI

The **LD1-1R8-R** is a high-performance, surface-mount (SMD) power inductor part of the **LD Series** manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is specifically designed for high-density power conversion applications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature where "1R8" indicates the inductance value.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.8 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | ~4.1 Amps (Typical) |
| **Saturation Current (Isat)** | ~5.8 Amps (Typical) |
| **DC Resistance (DCR)** | ~0.024 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | LD1 (approx. 6.1mm x 6.1mm x 3.2mm) |
---
### 2. Physical Construction and Features
The LD1-1R8-R is engineered for durability and efficiency:
* **Magnetic Shielding:** It is a shielded drum core inductor. This minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
* **Ferrite Core:** Utilizes a ferrite material that provides low core losses at high frequencies.
* **RoHS Compliant:** The "-R" suffix indicates that the part is fully compliant with RoHS standards (lead-free).
* **Robust Mounting:** Designed for pick-and-place surface mount assembly with high solder reflow temperature resistance.
---
### 3. Common Applications
Due to its low DCR and high current handling, it is commonly used in:
1. **DC-DC Converters:** Buck, boost, and forward converters.
2. **Voltage Regulator Modules (VRMs):** Used in computing and telecommunications.
3. **Battery Powered Devices:** Ideal for handheld electronics where space and efficiency are critical.
4. **Filtering:** Used in output filter stages to smooth ripples in power supplies.
---
### 4. Equivalent Part Number Breakdown
`LD1` - `1R8` - `R`
* **LD1:** Series name and physical size code.
* **1R8:** Inductance value ($1.8 \times 10^0$ microhenries). The "R" acts as a decimal point.
* **R:** RoHS compliant indicator.
- ⤷
What are the main differences between the LD1 and LD2 series inductors?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ What are some recommended alternatives if the LD1-1R8-R is out of stock?