LD1085D2M15-R
AI

## LD1085D2M15-R: Component Overview
The **LD1085D2M15-R** is a low-dropout (LDO) positive voltage regulator manufactured by **STMicroelectronics**. It is designed to provide a stable 1.5V output from a higher input voltage while maintaining high efficiency through a low dropout voltage.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 1.5 V (Fixed) |
| **Maximum Output Current** | 3.0 A |
| **Dropout Voltage (Max)** | 1.3 V @ 3A |
| **Input Voltage (Max)** | 30 V |
| **Operating Temperature** | -40°C to 125°C |
| **Package Type** | D2PAK (TO-263) |
| **Voltage Tolerance** | ±1% at 25°C; ±2% over full range |
---
### 2. Functional Characteristics
* **Low Dropout Performance:** Unlike standard linear regulators that require 2V-3V of "headroom," this device can maintain regulation with a much smaller difference between input and output voltage.
* **High Current Capacity:** It is capable of delivering up to **3 Amps**, making it suitable for high-power digital circuits and microprocessors.
* **Internal Protection:**
* **Current Limiting:** Protects the device during short-circuit conditions.
* **Thermal Shutdown:** Turns the device off if the internal junction temperature exceeds safe limits.
* **Pin Configuration (D2PAK):**
1. **Ground:** Reference point.
2. **Vout (Tab):** Regulated 1.5V output.
3. **Vin:** Unregulated input voltage.
---
### 3. Application Circuit Example
To ensure stability, LDOs require external capacitors. For the LD1085 series, a **10µF tantalum capacitor** is typically required on the output to ensure the control loop remains stable.
```c
// Typical Connection Schematic Representation
[Input Voltage] ----> [Vin (Pin 3)] ----+---- [Vout (Pin 2)] ----> [1.5V Output]
| | |
[C_in: 10uF] [LD1085D2M15] [C_out: 10uF]
| | |
[Ground] -----------------+---------- [GND (Pin 1)] ----+---------- [Ground]
```
---
### 4. Common Use Cases
* **Post-Regulation:** Following a switching power supply to remove high-frequency noise.
* **Logic Circuits:** Powering FPGA, DSP, or low-voltage microcontrollers requiring 1.5V rails.
* **Battery Powered Systems:** Efficiency is gained due to the low quiescent current and low dropout voltage.
- ⤷
What is the minimum input voltage required to maintain a stable 1.5V output at full load?
- ⤷ How does the D2PAK package handle heat dissipation compared to the TO-220 version?
- ⤷ Are there adjustable versions of the LD1085 available for different voltage requirements?