LD1085D2T36-R
AI

## Overview of the LD1085D2T36-R
The **LD1085D2T36-R** is a high-performance, low-dropout (LDO) positive voltage regulator produced by **STMicroelectronics**. It is specifically designed to provide a stable, fixed output voltage even when the input voltage is only slightly higher than the output voltage.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 3.6V (Fixed) |
| **Output Current** | Up to 3.0 A |
| **Dropout Voltage** | Typ. 1.3 V @ 3A |
| **Input Voltage (Max)** | 30 V |
| **Package Type** | D2PAK (TO-263) |
| **Operating Temperature** | -40°C to 125°C |
| **Output Tolerance** | ±1% at 25°C |
---
### Key Internal Components & Functions
The LD1085 series utilizes a specific internal architecture to manage power efficiently:
1. **NPN Pass Transistor:** Unlike older regulators that use PNP transistors, the NPN structure allows for lower output impedance and better stability with various loads.
2. **Internal Current and Thermal Limit:** The chip includes protection circuitry that shuts down the device if it exceeds safe operating temperatures or if a short circuit occurs.
3. **Reference Voltage Source:** An internal bandgap reference ensures that the 3.6V output remains precise despite fluctuations in temperature or input voltage.
---
### Pin Configuration (D2PAK)
The device typically features three pins:
* **Pin 1 (Adjust/Ground):** Connected to ground for fixed voltage versions like this one.
* **Pin 2 (Output):** The regulated 3.6V output (also connected to the large metal tab for heat dissipation).
* **Pin 3 (Input):** The unregulated supply voltage.
---
### Application Circuit Example
To ensure stability, LDOs require external capacitors. Below is a typical implementation:
```c
// Basic Hardware Implementation
Input Voltage (Vin) ----> [ Pin 3: IN ] ----+---- [ Pin 2: OUT ] ----> 3.6V Output
| |
[10uF Cap] [10uF Tantalum Cap]
| |
Ground ------------------> [ Pin 1: GND ] --+------------------+
```
### Advantages for Designers
* **High Current Capability:** 3A is significantly higher than standard regulators like the LM1117 (which is usually 800mA - 1A).
* **Efficiency:** The low dropout voltage minimizes power wasted as heat.
* **Surface Mount Design:** The D2PAK package is ideal for automated PCB assembly and provides good thermal management through the PCB copper.
---
- ⤷
What are the recommended capacitor types for ensuring stability in the LD1085 series?
- ⤷ How does the D2PAK package handle heat dissipation compared to TO-220?
- ⤷ Can the LD1085D2T36-R handle an input voltage of 12V safely at max current?