Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LD1085D2T50-R

  • AI
    ## LD1085D2T50-R: Technical Overview The **LD1085D2T50-R** is a high-performance, low-dropout (LDO) positive voltage regulator produced by STMicroelectronics. It is specifically designed to provide a stable 5V output for medium to high current applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 5.0 V (Fixed) | | **Output Current** | Up to 3.0 A | | **Dropout Voltage** | 1.3 V (typical at 3A) | | **Input Voltage (Max)** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Core Functional Parts The internal architecture of the LD1085 series consists of several critical electronic stages: 1. **Reference Voltage Source:** An internal bandgap reference provides a highly stable voltage, ensuring the output remains at 5V despite temperature fluctuations. 2. **Error Amplifier:** This component compares the output voltage against the reference. If the output drops, the amplifier signals the pass transistor to conduct more current. 3. **Pass Transistor (NPN):** A robust NPN power transistor acts as the gatekeeper, regulating the flow of current from input to output. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safe limits. * **Current Limiting:** Protects the regulator and the load during short-circuit conditions. --- ### 3. Pin Configuration (D2PAK) The device features three primary pins used for integration: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection. | | 2 | **V_OUT** | Regulated 5V output (connected to the large metal tab). | | 3 | **V_IN** | Unregulated input voltage. | --- ### 4. Implementation Circuitry To ensure stability and reduce noise, external capacitors are required. A typical implementation involves: ```c // Representative Circuit Requirement Input Voltage (e.g. 7V - 12V) | +--- [ 10uF Tantalum Capacitor ] --- V_IN (Pin 3) | [LD1085D2T50-R] | +--- [ 10uF Tantalum Capacitor ] --- V_OUT (Pin 2) --- 5.0V Stable Output | GND (Pin 1) ``` --- ### 5. Application Areas * **Post-regulation for switching supplies:** To remove high-frequency noise. * **Microprocessor Power Supplies:** Providing high current for logic circuits. * **Battery Chargers:** Efficiently managing charging currents. * **Constant Current Regulators:** Can be configured to drive LEDs or charge batteries at specific currents.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the D2PAK version of this regulator?
    • ⤷ How does the dropout voltage change with lower current loads?
    • ⤷ Can I use ceramic capacitors instead of tantalum for the output stage?