Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LD29080DT18-R

  • AI
    The **LD29080DT18-R** is a high-precision, low-dropout (LDO) voltage regulator designed by STMicroelectronics. It is part of the LD29080 series, which is specifically engineered for applications requiring high current and low power dissipation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed 1.8V | | **Max Output Current** | 800 mA | | **Dropout Voltage** | Typ. 400 mV (at full load) | | **Input Voltage Range** | Up to 13V | | **Package Type** | DPAK (TO-252) | | **Operating Temp Range** | -40°C to 125°C | --- ### 2. Functional Description The device is designed to provide a stable 1.8V output from a higher input voltage while minimizing energy loss. Key internal components include: * **Pass Transistor:** A P-Channel MOSFET or PNP transistor structure that allows for very low dropout voltage. * **Voltage Reference:** An internal bandgap reference ensures high accuracy ($\pm 1\% \text{ at } 25^\circ\text{C}$). * **Protection Circuits:** * **Current Limiting:** Protects the device during short circuits. * **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures. --- ### 3. Application Circuit To ensure stability, LDOs require external capacitors. For the LD29080 series, a low-ESR ceramic capacitor is typically recommended for the output. ```mermaid graph LR Vin(Input Voltage) -->|Cap 10uF| IC[LD29080DT18-R] IC -->|Cap 10uF| Vout(1.8V Output) IC --- GND(Ground) ``` --- ### 4. Typical Use Cases * **Microprocessor Power:** Providing core voltage for CPUs or DSPs requiring 1.8V. * **Battery Powered Equipment:** Its low dropout voltage extends battery life by allowing the battery to discharge to a lower voltage before the regulator fails. * **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation allowed for the DPAK package?
    • ⤷ How does the dropout voltage change with lower output currents?
    • ⤷ Can this regulator be used with tantalum capacitors instead of ceramic?