LD3870G-50-AF5-R
AI

### LD3870G-50-AF5-R: Technical Overview
The **LD3870G-50-AF5-R** is a high-accuracy, low-dropout (LDO) linear voltage regulator manufactured by **UTC (Unisonic Technologies)**. It is specifically designed for applications requiring high output voltage accuracy and low power consumption.
---
### 1. Key Technical Specifications
The part number suffix provides specific details about its configuration:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 5.0V (Fixed) |
| **Input Voltage Range** | Up to 30V |
| **Output Current** | 100mA (Max) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Quiescent Current** | ~2.0µA (Ultra-low) |
| **Dropout Voltage** | ~350mV @ 40mA |
| **Accuracy** | ±2% |
---
### 2. Part Number Deciphering
Understanding the naming convention helps in identifying the exact variant:
* **LD3870**: The core series (Linear Regulator).
* **G**: Green/Halogen Free material.
* **50**: Fixed 5.0V output.
* **AF5**: Package code for SOT-25.
* **R**: Tape and Reel packaging.
---
### 3. Functional Pin Configuration
The device usually comes in a 5-pin SOT package. Below is the typical pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated 5.0V Output |
---
### 4. Core Features and Applications
#### Features:
* **Ultra-Low Current:** The extremely low quiescent current makes it ideal for battery-powered devices to extend standby life.
* **Wide Input Range:** Can handle up to 30V, making it resilient to voltage spikes or suitable for industrial inputs.
* **Protection:** Includes thermal shutdown and current limiting internal circuitry.
#### Typical Applications:
* Battery-powered equipment (handheld scanners, multimeters).
* Industrial automation sensors.
* Microcontroller power supplies (specifically 5V logic).
* Portable communication devices.
---
### 5. Implementation Diagram
A basic circuit using this LDO requires minimal external components:
```text
Input (VIN) ----[ C1 (1uF) ]---- (Pin 1) LD3870 (Pin 5) ----[ C2 (1uF) ]---- Output (5.0V)
| |
(GND) (CE)
| |
Ground Enable Logic
```
---
- ⤷
What is the maximum power dissipation for the SOT-25 package variant?
- ⤷ How does the LD3870 compare to the 78L05 in terms of quiescent current?
- ⤷ Can this regulator be used with ceramic capacitors for stability?