LD39080PT-R
AI

The **LD39080PT-R** is a high-performance low-dropout (LDO) linear regulator manufactured by STMicroelectronics. It is designed to provide a stable output voltage with high efficiency, specifically for high-current applications.
---
### ## Technical Specifications
The following table summarizes the key electrical characteristics of the LD39080PT-R:
| Feature | Specification |
| :--- | :--- |
| **Output Current** | 800 mA |
| **Input Voltage Range** | 2.5V to 6V |
| **Dropout Voltage** | Typ. 150 mV @ 800 mA |
| **Output Type** | Adjustable or Fixed (1.8V, 2.5V, 3.3V, 5.0V variants) |
| **Package** | PPAK / DPAK |
| **Operating Temperature** | -40°C to 125°C |
| **Quiescent Current** | 2.5 mA (Full Load) |
---
### ## Key Electronic Components & Features
1. **Low Dropout Architecture**:
The device uses a P-channel MOSFET pass transistor. Unlike NPN-based regulators, it doesn't require high base-drive current, allowing for a very low dropout voltage (the minimum difference between input and output voltage required for regulation).
2. **Enable (EN) Pin**:
This pin allows for digital control of the regulator. Driving this pin low puts the device into shutdown mode, reducing current consumption to nearly zero (approx. 1 µA).
3. **Internal Protections**:
* **Current Limiting**: Protects the device during short-circuit conditions.
* **Thermal Overload Protection**: Automatically shuts down the regulator if the junction temperature exceeds safe limits (typically around 150°C).
4. **Stability Components**:
The LD39080 is designed to be stable with low-ESR ceramic capacitors. This reduces the physical footprint on the PCB compared to older regulators requiring large electrolytic capacitors.
---
### ## Pin Configuration (PPAK Package)
Typical pinout for the LD39080PT-R series:
```text
Pin 1: EN (Enable)
Pin 2: VIN (Input Supply)
Pin 3: GND (Ground/Tab)
Pin 4: VOUT (Regulated Output)
Pin 5: ADJ/NC (Adjustable pin or No Connection for fixed versions)
```
---
### ## Typical Application Circuit
To ensure stability and performance, external capacitors are required:
* **Input Capacitor ($C_{IN}$)**: 1 µF is recommended to reduce input noise.
* **Output Capacitor ($C_{OUT}$)**: A minimum of 2.2 µF (Ceramic) is required for stability.
---
- ⤷What is the difference between the fixed and adjustable versions of the LD39080?
- ⤷ How does the power dissipation of this LDO affect its performance in a DPAK package?
- ⤷ What are the common alternatives to the LD39080PT-R for higher voltage inputs?