LD39080PT33-R
AI

# Technical Overview: LD39080PT33-R
The **LD39080PT33-R** is a high-precision, low-dropout (LDO) linear voltage regulator manufactured by STMicroelectronics. It is designed to provide a stable output voltage with high efficiency, even when the input voltage is very close to the output voltage.
---
## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 3.3 V |
| **Maximum Output Current** | 800 mA |
| **Input Voltage Range** | 2.5 V to 6.0 V |
| **Dropout Voltage (Typical)** | 150 mV @ 800 mA |
| **Package Type** | PPAK (PowerSO-10 or PPAK) |
| **Operating Temperature** | -40°C to +125°C |
| **Static Quiescent Current** | 5 mA (at max load) |
---
## 2. Functional Electronic Parts
The internal circuitry of the LD39080PT33-R consists of several critical stages that ensure stable power delivery:
### A. Pass Transistor
The core of the LDO is a **P-channel MOSFET** (or PNP bipolar in some architectures, but typically MOSFET for low dropout). It acts as a variable resistor controlled by the error amplifier to maintain the 3.3V output.
### B. Voltage Reference
A stable internal **Bandgap Reference** provides a constant voltage (usually around 1.23V) that remains accurate regardless of temperature fluctuations. This is the "yardstick" the chip uses to measure the output accuracy.
### C. Error Amplifier
This component compares the feedback from the output pin to the internal reference voltage. If the output drops, the amplifier signals the pass transistor to allow more current through.
### D. Protection Circuitry
* **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safety limits (usually around 150°C).
* **Current Limiting:** Protects the device and the load from short-circuit conditions or excessive current draw.
---
## 3. Typical Application Circuit
To operate correctly, the LD39080PT33-R requires external capacitors for stability.
```markdown
Vin ----[ C1: 1uF ]----( IN )-------( OUT )----[ C2: 2.2uF ]---- Vout (3.3V)
| |
(GND) (GND)
```
* **C1 (Input Capacitor):** Usually a 1µF ceramic or tantalum capacitor to filter input noise.
* **C2 (Output Capacitor):** Crucial for loop stability. The LD39080 is stable with low-ESR ceramic capacitors (minimum 2.2µF recommended).
---
## 4. Main Advantages
1. **Ultra-Low Dropout:** Useful for battery-powered devices where every millivolt of battery life matters.
2. **Fast Transient Response:** Capable of handling sudden changes in load current without significant voltage dips.
3. **Low Noise:** Ideal for powering sensitive analog components or RF stages.
- ⤷
What is the significance of the PPAK package for thermal management?
- ⤷ Can the LD39080PT33-R be used with an input voltage of 3.3V?
- ⤷ How does the dropout voltage change at lower output currents?