Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LD39150DT12-R

  • AI
    ### LD39150DT12-R: Technical Overview The **LD39150DT12-R** is a high-precision, low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage while maintaining high current efficiency, making it ideal for low-voltage microprocessor and DSP applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LD39150DT12-R: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 1.2 V | | **Input Voltage Range** | 1.5 V to 12 V | | **Maximum Output Current** | 1.5 A | | **Dropout Voltage (Typ)** | 200 mV @ 1.5 A | | **Output Tolerance** | ±1% at 25°C | | **Package Type** | DPAK (TO-252) | | **Operating Temp Range** | -40°C to 125°C | --- ### 2. Core Functional Features * **Ultra-Low Dropout:** The device can maintain a stable 1.2V output even when the input voltage is only slightly higher than the output (as low as 200mV difference at full load). * **Fast Transient Response:** It is optimized for loads that change rapidly, such as modern CPUs or FPGAs. * **Protection Circuitry:** * **Internal Current Limit:** Protects the IC against short circuits or excessive load. * **Thermal Shutdown:** Automatically turns off the device if it exceeds safe operating temperatures. * **Logic-Controlled Shutdown:** Includes an "Enable" pin (often used in power sequencing) to reduce power consumption when the device is not needed. --- ### 3. Pin Configuration (DPAK) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **EN** | Enable pin (High = On, Low = Off) | | 2 | **VIN** | Input Supply Voltage | | 3 | **VOUT** | Regulated 1.2V Output | | Tab | **GND** | Ground (connected to the thermal heatsink) | --- ### 4. Typical Application Circuit To ensure stability, LDOs require external capacitors. For the LD39150 series, low-ESR ceramic capacitors are recommended. ```c // Conceptual schematic connections Input (1.5V - 12V) ----[ 10uF Capacitor ]---- VIN (Pin 2) VOUT (Pin 3) ----[ 10uF Capacitor ]---- Output (1.2V) GND (Tab) ---------------------------- Ground EN (Pin 1) ----[ Logic High ] ``` --- ### 5. Common Use Cases 1. **Post-Regulation:** Used after a switching regulator to provide a clean, noise-free voltage for sensitive analog circuits. 2. **Logic Power:** Supplying the core voltage for 1.2V microcontrollers and digital signal processors. 3. **Battery Powered Equipment:** Due to its low quiescent current and shutdown mode. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the LD39150DT12-R in a DPAK package?
    • ⤷ How does the dropout voltage change at lower output currents?
    • ⤷ Can this regulator be used with tantalum capacitors instead of ceramic?