LD39150DT33-R
AI

## Overview: LD39150DT33-R
The **LD39150DT33-R** is a high-precision, ultra-low dropout (LDO) linear voltage regulator. It is designed to provide a stable 3.3V output from a higher input voltage while maintaining very low power loss.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 3.3V |
| **Maximum Output Current** | 1.5 A |
| **Input Voltage Range** | 2.5V to 12V |
| **Dropout Voltage (Typical)** | 200 mV @ 1.5A |
| **Package Type** | DPAK (TO-252) |
| **Operating Temperature** | -40°C to 125°C |
| **Quiescent Current** | ~2.5 mA (at full load) |
---
### 2. Main Features
* **Ultra-Low Dropout:** Because the dropout voltage is only around 200mV, the device can maintain a stable 3.3V output even when the input battery or power source drops as low as 3.5V.
* **Fast Response:** It features excellent transient response to variations in load and line voltage, making it suitable for sensitive digital circuits.
* **Internal Protection:**
* **Current Limiting:** Protects the device during short circuits.
* **Thermal Shutdown:** Automatically turns off if the chip exceeds safe temperature limits.
* **Low Noise:** Designed to minimize output ripple, which is critical for RF and analog applications.
---
### 3. Pin Configuration (DPAK)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Unregulated Input Voltage |
| 2 / Tab | **GND** | Ground (Thermal Heat Sink) |
| 3 | **VOUT** | Regulated 3.3V Output |
---
### 4. Typical Application Circuit
To ensure stability, the LD39150 series requires external capacitors. A typical implementation looks like this:
```mermaid
graph LR
In[Input Voltage] --> C1[1uF Capacitor]
C1 --> IC[LD39150DT33-R]
IC --> C2[10uF Capacitor]
C2 --> Out[3.3V Stable Output]
```
* **Input Capacitor ($C_{IN}$):** 1µF is recommended to bypass line noise.
* **Output Capacitor ($C_{OUT}$):** A minimum of 10µF (with low ESR) is required for stability and to improve the load transient response.
---
### 5. Common Use Cases
1. **Microcontroller Power Supply:** Providing clean 3.3V power to ARM, AVR, or ESP32 chips.
2. **Post-Regulation:** Used after a switching regulator to remove high-frequency noise.
3. **Battery Powered Systems:** Maximizing battery life due to the low dropout threshold.
4. **Telecom Equipment:** Supporting high-current loads up to 1.5A in networking hardware.
- ⤷
What is the significance of the 'R' suffix in the part number?
- ⤷ How does the thermal resistance of the DPAK package affect its performance at 1.5A?
- ⤷ Can this regulator be used with a 12V input to provide 3.3V at maximum current?