LD39150PT18-R
AI

The **LD39150PT18-R** is a high-precision, low-dropout (LDO) voltage regulator designed to provide a stable output voltage with high current capability. It is commonly used in digital circuits where space and thermal efficiency are critical.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.5V to 12V |
| **Maximum Output Current** | 1.5A |
| **Dropout Voltage** | Typ. 200mV @ 1.5A |
| **Package Type** | PPAK / TO-252 (DPAK) |
| **Operating Temperature** | -40°C to 125°C |
| **Quiescent Current** | Typ. 2.5mA at full load |
---
### 2. Core Features
* **Low Dropout Voltage:** Requires a very small difference between input and output voltage to maintain regulation, which reduces power dissipation.
* **Fast Transient Response:** Capable of responding quickly to sudden changes in load current, making it ideal for powering CPUs and DSPs.
* **Internal Protections:**
* **Current Limiting:** Protects the device during overloads.
* **Thermal Shutdown:** Shuts the regulator off if it exceeds safe temperature limits.
* **Inhibit/Enable Pin:** Allows the device to be put into a low-power shutdown mode (typically controlled by a microcontroller).
---
### 3. Pin Configuration (PPAK)
The LD39150 series in the PT (PPAK) package generally follows this pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **IN** | Unregulated Input Voltage |
| 2 | **GND** | Ground (Connected to Tab) |
| 3 | **OUT** | Regulated 1.8V Output |
| 4 | **INH** | Inhibit (Enable) - Logic High for ON |
| 5 | **ADJ/NC** | Not Connected (on fixed versions) |
---
### 4. Typical Application Circuit
To ensure stability, the LD39150 requires external capacitors. A typical implementation looks like this:
```text
[Input 2.5V-12V] --- [C_in: 1uF] --- Pin 1 (IN)
Pin 3 (OUT) --- [C_out: 10uF] --- [Load 1.8V]
Pin 2 (GND) --- [Ground]
Pin 4 (INH) --- [Logic Signal]
```
* **Input Capacitor ($C_{in}$):** A 1µF tantalum or ceramic capacitor is recommended to reduce input noise.
* **Output Capacitor ($C_{out}$):** A minimum of 10µF is required for stability. Low ESR (Equivalent Series Resistance) capacitors are preferred.
---
- ⤷
What is the maximum power dissipation for the PPAK package in this regulator?
- ⤷ Can this regulator be used with ceramic capacitors specifically?
- ⤷ How does the inhibit pin behave if left floating?