Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LD39150PT25-R

  • AI
    ## Overview of LD39150PT25-R The **LD39150PT25-R** is a high-accuracy, low-dropout (LDO) linear voltage regulator manufactured by STMicroelectronics. It is designed to provide a stable 2.5V output with a high current capability and very low power dissipation. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 2.5V | | **Input Voltage Range** | 1.5V to 12V | | **Maximum Output Current** | 1.5 A | | **Dropout Voltage (Typ)** | 200 mV @ 1.5 A | | **Package Type** | PPAK / TO-252 (DPAK) | | **Operating Temperature** | -40°C to 125°C | | **Accuracy** | ±1% at 25°C | --- ### Key Features 1. **Ultra-Low Dropout:** With a dropout voltage of only 200mV at full load, it is highly efficient for applications where the input voltage is only slightly higher than the required 2.5V. 2. **Fast Transient Response:** It is optimized for powering low-voltage microprocessors or DSPs that require rapid response to load changes. 3. **Internal Protections:** * **Current Limiting:** Protects the device during short-circuit conditions. * **Thermal Shutdown:** Prevents damage caused by overheating. 4. **Inhibit Function:** Includes an "Enable" pin (Inhibit) to turn the device on or off, reducing power consumption in standby mode. --- ### Typical Application Circuit To ensure stability, the LD39150PT25-R requires external capacitors. Below is a representation of a standard setup: ```mermaid graph LR Vin[Input Voltage] --> C1[Input Cap 1uF] C1 --> LDO[LD39150PT25-R] LDO --> C2[Output Cap 10uF] C2 --> Vout[2.5V Output] Inhibit[Inhibit Pin] --> LDO ``` * **Input Capacitor:** A 1µF capacitor is recommended to improve transient response. * **Output Capacitor:** A minimum of 10µF (usually tantalum or ceramic) is required for stability. --- ### Common Use Cases * **Microprocessor Supplies:** Providing stable core voltage for CPUs. * **Post-Regulation:** Cleaning up noise from switching power supplies. * **Battery-Powered Systems:** Maximizing battery life due to the low dropout voltage. * **Telecommunications:** Powering sensitive RF components.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this fixed 2.5V version and the adjustable version of the LD39150?
    • ⤷ How does the dropout voltage affect the heat dissipation of this regulator?
    • ⤷ Can this regulator be used with ceramic output capacitors safely?