Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LDR3325PT-R

  • AI
    ## LDR3325PT-R: Detailed Overview The **LDR3325PT-R** is a specific low-dropout (LDO) linear voltage regulator. It is designed to provide a stable, regulated output voltage while maintaining a very low difference between the input and output voltages. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | Fixed | | **Output Voltage** | 2.5V | | **Maximum Input Voltage** | 12V to 16V (typical range) | | **Maximum Output Current** | 1.5A | | **Dropout Voltage** | ~1V to 1.3V at full load | | **Package Type** | PPAK (Power Package) or P2PAK | | **Mounting Style** | Surface Mount (SMD/SMT) | --- ### 2. Core Functional Parts To understand the electronic "parts" or internal mechanisms of the LDR3325PT-R, we look at its internal block diagram: * **Reference Voltage Source:** An internal bandgap reference that provides a precise, temperature-stable voltage used as a baseline for the 2.5V output. * **Error Amplifier:** This component compares the actual output voltage to the reference voltage. If the output drops, the amplifier signals the pass element to allow more current. * **Pass Transistor:** Typically a PNP or N-channel MOSFET. This acts as a variable resistor controlled by the error amplifier to maintain the set voltage. * **Protection Circuitry:** * *Thermal Shutdown:* Turns off the device if the junction temperature exceeds safe limits. * *Current Limiting:* Prevents the device from being destroyed in the event of a short circuit. --- ### 3. Application Circuit Components When using the LDR3325PT-R in a design, you typically require external passive components to ensure stability: ```c [Input Voltage] ----(C1)---- [LDR3325PT-R] ----(C2)---- [Output 2.5V] | [GND] ``` 1. **Input Capacitor (C1):** Usually a $0.1\mu F$ to $10\mu F$ capacitor. It bypasses line noise and maintains stability if the regulator is far from the power source. 2. **Output Capacitor (C2):** Essential for stability. Usually a tantalum or electrolytic capacitor (min $10\mu F$). It helps handle load transients and prevents oscillation. 3. **Heat Sink/Copper Pour:** Because this is a linear regulator, the power dissipated is calculated as $P = (V_{in} - V_{out}) \times I_{out}$. The PPAK package uses a large metal tab to dissipate this heat into the PCB. --- ### 4. Comparison with Standard Regulators | Feature | LDR3325 (LDO) | LM7805 (Standard) | | :--- | :--- | :--- | | **Dropout Voltage** | Low (~1.1V) | High (~2.0V - 2.5V) | | **Efficiency** | Higher at lower $V_{in}$ | Lower due to high drop | | **Accuracy** | High | Moderate | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the PPAK package used by the LDR3325PT-R?
    • ⤷ Can this regulator be used with ceramic output capacitors
    • ⤷ or does it require a specific ESR?
    • ⤷ What are the common alternatives if 2.5V is needed at a higher current than 1.5A?