LDS0705-4R7M-R
AI

### LDS0705-4R7M-R: Electronic Component Specification
The **LDS0705-4R7M-R** is a Surface Mount Device (SMD) Power Inductor. It is commonly used in DC-DC converters, power supplies, and voltage regulation modules where compact size and high efficiency are required.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LDS** | Series Code | Shielded SMD Power Inductor series. |
| **0705** | Dimensions | Approx. 7.0mm x 7.0mm x 5.0mm. |
| **4R7** | Inductance Value | 4.7 Microhenries ($\mu H$). |
| **M** | Tolerance | $\pm 20\%$. |
| **R** | Packaging | Tape & Reel (RoHS Compliant). |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 4.7 $\mu H$ |
| **Tolerance** | $\pm 20\%$ |
| **DC Resistance (DCR)** | ~25 - 35 $m\Omega$ (Typical) |
| **Saturation Current ($I_{sat}$)** | ~3.5A - 4.5A (Depending on temperature rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (reduces EMI) |
---
### 3. Key Features
* **Magnetically Shielded:** The construction minimizes electromagnetic interference (EMI), making it suitable for high-density boards near sensitive components.
* **Low Profile:** The "0705" height (5.0mm) is optimized for compact electronic assemblies.
* **High Current Handling:** Designed to maintain inductance stability even under high DC bias currents.
* **Surface Mount (SMD):** Designed for automated pick-and-place assembly.
---
### 4. Common Applications
This inductor is typically found in:
1. **DC-DC Converters:** Buck, Boost, and SEPIC converters.
2. **Consumer Electronics:** Laptops, tablets, and LED drivers.
3. **Communication Equipment:** Base stations and network routers.
4. **Power Supplies:** Distributed power systems and battery-powered devices.
---
- ⤷
What are the alternatives if I need a higher saturation current in the same footprint?
- ⤷ How does magnetic shielding affect the performance of this inductor compared to unshielded types?
- ⤷ What is the recommended solder reflow profile for the LDS0705 series?